Electronic Components Datasheet Search
  English  ▼

X  

ECF800 Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # ECF800
Description  315/433MHz OOK/ASK Receiver SOC for Home Automation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF800 Datasheet(HTML) 7 Page - E-CMOS Corporation

  ECF800 Datasheet HTML 1Page - E-CMOS Corporation ECF800 Datasheet HTML 2Page - E-CMOS Corporation ECF800 Datasheet HTML 3Page - E-CMOS Corporation ECF800 Datasheet HTML 4Page - E-CMOS Corporation ECF800 Datasheet HTML 5Page - E-CMOS Corporation ECF800 Datasheet HTML 6Page - E-CMOS Corporation ECF800 Datasheet HTML 7Page - E-CMOS Corporation ECF800 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 8
4K10N Rev. F001
315/433MHz OOK/ASK Receiver SOC for
Home Automation
ECF800
->UART Parameter
▓Driving level: 3.3V /5 V
▓Baud Rate: 9600 (default) ±1%
▓Data Bits: 8 bit
▓Stop Bits: 1 bit
▓Parity Bit: none
C. PWM protocol
->PWM Parameter
▓PWM frequency: 1KHz
▓PWM Step: up to 225 step; can be set to 10/20/30/45/60/75/90/225
▓Support 3 PWM output maximum



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com