Electronic Components Datasheet Search
  English  ▼

X  

ECF800 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECF800
Description  315/433MHz OOK/ASK Receiver SOC for Home Automation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF800 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECF800 Datasheet HTML 1Page - E-CMOS Corporation ECF800 Datasheet HTML 2Page - E-CMOS Corporation ECF800 Datasheet HTML 3Page - E-CMOS Corporation ECF800 Datasheet HTML 4Page - E-CMOS Corporation ECF800 Datasheet HTML 5Page - E-CMOS Corporation ECF800 Datasheet HTML 6Page - E-CMOS Corporation ECF800 Datasheet HTML 7Page - E-CMOS Corporation ECF800 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 8
4K10N Rev. F001
315/433MHz OOK/ASK Receiver SOC for
Home Automation
ECF800
Features
•
No IF Filter used
•
+3V to +5.5V Single-Supply Operation
•
Support data rate up to 10kbps
•
> 25dB Image-Rejection
•
-110dBm sensitivity at 2kbps
•
~ 1uA Shutdown Current
•
75dB RSSI output
•
32-Pin QFN Package
•
Highly Integrated include PLL, VCO, Loop Filter, Mixer and Baseband
•
-40℃ ~ 125℃ Wide Temperature range
GENERAL DESCRIPTION
The ECF800 is a 315Mhz/433.92MHz low-IF RF receiver with automatic gain control and OOK/ASK
demodulator. The ECF800 requires few external components and makes it ideal for cost-sensitive
applications.
The low-noise amplifier (LNA), phase-lock loop (PLL), mixer, IF filter, received-signal strength indicator
(RSSI), and baseband section are included all on-chip. The low-drop output (LDO) regulators are also
on-chip which can allow 3V to 5.5V power supply range and consumes 10mA of supply current, especially
of operation is allowed -40℃ to 125℃
wide Temperature Range. The ECF800 achieves -110dBm
sensitivity at a data rate of 2Kbps and -25dBm maximum allowed input power.
ECF800
is designed as Receiver SOC for remote controller in home-use consumer product, usually
applied to LED lighting control, smart Switch and Fan control systems.
E-CMOS’s advance technology delivers small, reliable, very low power consumption, green and
cost-effective keyboard remote control system solution. This
provides a green solution to environment
pollution and global warming and let your company become a green solution provider.


Similar Part No. - ECF800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECF80 PHILIPS-ECF80 Datasheet
99Kb / 5P
TRIODE-PENTODE
8.8.1957
More results

Similar Description - ECF800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
315/433MHz FSK/FM/ASK Receiver
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
315/433MHz FSK/FM/ASK Receiver
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218_11 Datasheet
832Kb / 23P
3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
315/433MHz ASK Transmitter
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
315/433MHz FSK/ASK Receiver
logo
Princeton Technology Co...
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
Compact 315 MHz OOK/ASK Receiver
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com