Electronic Components Datasheet Search
  English  ▼

X  

DS3656 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3656
Description  DS3656 Quad Peripheral Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3656 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3656 Datasheet HTML 1Page - National Semiconductor (TI) DS3656 Datasheet HTML 2Page - National Semiconductor (TI) DS3656 Datasheet HTML 3Page - National Semiconductor (TI) DS3656 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5818
March 1990
DS3656 Quad Peripheral Driver
General Description
The DS3656 is a quad peripheral driver designed for use in
automotive applications Logically it is an open collector
NAND function with all inputs compatible with 74LS and
CMOS series products An enable input is provided that is
common to each driver When taken to a logic zero level all
outputs will turn off Also overvoltage is detected
The DS3656 has features associated with the output struc-
ture that make it highly versatile to many applications Each
output is capable of 600 mA sink currents and offers 65V
standoff voltage in non-inductive applications A clamp net-
work capable of handling 800 mA is incorporated in each
output which eliminates the need of an external network to
quench the high voltage backswing caused when switching
inductive loads up to 30V (reference AN-213)
The DS3656 is intended to operate from a 12V automotive
battery Internal to the device is its own voltage regulator
which permits the device to operate during the wide voltage
variation seen in many automotive applications An over-
voltage-protection circuit is incorporated that will cause the
outputs to turn off when the supply exceeds 30V The circuit
is designed to withstand worst case fault conditions that
occur in automotive applications such as high voltage tran-
sients and reverse battery connection In this type of envi-
ronment an external 100X resistor must be connected in
series with the VCC line
The molded package is specifically constructed to allow in-
creased power dissipation over conventional packages The
four ground pins are directly connected to the device chip
with a special copper lead frame When the quad driver is
soldered into a copper PC board the power rating of the
device will significantly improve
Features
Y
Quad automotive peripheral driver
Y
600 mA output current capability
Y
High voltage outputs65V
Y
Clamp diode provided for inductive loads
Y
Built in regulator
Y
Overvoltage failsafe
Y
TTLLSCMOS compatible diode clamped inputs
Y
High power dissipation package
Y
Guaranteed to withstand worst case fault conditions
Connection Diagram
Dual-In-Line Package
TLF5818 – 1
Top View
Order Number DS3656N
See NS Package Number N16A
Truth Table
Enable
In X
Out X
HH
L
HL
Z
LX
Z
H e High level
L e Low level
X e Irrelevant
Z e High impedance state
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS3656

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
DS3650J NSC-DS3650J Datasheet
217Kb / 8P
Quad Differential Line Receivers
DS3650M NSC-DS3650M Datasheet
197Kb / 10P
Quad Differential Line Receivers
DS3650M NSC-DS3650M Datasheet
217Kb / 8P
Quad Differential Line Receivers
More results

Similar Description - DS3656

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3658 NSC-DS3658 Datasheet
99Kb / 4P
Quad High Current Peripheral Driver
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
DS3669 NSC-DS3669 Datasheet
98Kb / 4P
Quad High Current Peripheral Driver
logo
Allegro MicroSystems
5706 ALLEGRO-5706 Datasheet
90Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVER .TRANSIENT-PROTECTED OUTPUTS
logo
Texas Instruments
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
QUADRUPLE PERIPHERAL DRIVER
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
DUAL PERIPHERAL DRIVER
DS3658 TI1-DS3658_14 Datasheet
223Kb / 9P
Quad High Current Peripheral Driver
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
DUAL PERIPHERAL DRIVER
logo
Motorola, Inc
MC1411 MOTOROLA-MC1411 Datasheet
200Kb / 4P
Peripheral Driver Arrays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com