Electronic Components Datasheet Search
  English  ▼

X  

DS3656 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3656
Description  DS3656 Quad Peripheral Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3656 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3656 Datasheet HTML 1Page - National Semiconductor (TI) DS3656 Datasheet HTML 2Page - National Semiconductor (TI) DS3656 Datasheet HTML 3Page - National Semiconductor (TI) DS3656 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC (Note 2)
65V
Input Voltage
7V
Output Voltage
65V
Continuous Output Current
12A
Junction Temperature
150 C
Thermal Resistance (Junction to Ambient)
DS3656N Plugged in a Socket
60 CW
DS3656N Soldered in a PC Board
35 CW
DS3656N Soldered in a PC Board
with 6 in2 Cn Foil
20 CW
Lead Temperature (Soldering 4 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
105
170
V
Temperature
b
40
105
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Power Supply Voltage
105
17
V
ICC
Power Supply Current
65
mA
VIH
High Level Input Voltage
20
V
VIL
Low Level Input Voltage
08
V
IIH
High Level Input Current
VIN e 27V
20
m
A
IIL
Low Level Input Current
VIN e 04V
b
360
m
A
VICL
Input Clamp Voltage
IIN eb10 mA
b
15
V
VOL
Low Level Output Voltage
IL e 600 mA VCC e 105V
15
V
IOH
High Level Leakage Current
VOH e 65V
10
mA
VF
Output Diode Forward Voltage
IF e 800 mA
25
V
IR
Output Diode Reverse Leakage
VR e 65V
10
mA
BVCER
VOH1 Switching Capacitive or Resistive Load
65
V
LVCEO
VOH2 Switching Inductive Clamped Load
30
V
Switching Characteristics VCC e 132V TA e 25 C
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC e 132V RL e 30X CL e 15 pF
10
m
s
Low to High Level Output
tPHL
Propagation Delay Time
VCC e 132V RL e 30X CL e 15 pF
10
m
s
High to Low Level Output
tTLH
Transition Time
VCC e 132V RL e 30X CL e 15 pF
500
ns
Low to High Level Output
tTHL
Transition Time
VCC e 132V RL e 30X CL e 15 pF
500
ns
High to Low Level Output
tPLH
Enable to Output
VCC e 132V RL e 30X CL e 15 pF
10
m
s
tPHL
Enable to Output
VCC e 132V RL e 30X CL e 15 pF
10
m
s
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Voltage values are with respect to network ground terminal unless otherwise specified
Note 3
Unless otherwise specified minmax limits apply across the b40 Cto a105 C temperature range
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com