Electronic Components Datasheet Search
  English  ▼

X  

DS3930 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS3930
Description  Hex Nonvolatile Potentiometer with I/O and Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3930 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS3930 Datasheet HTML 1Page - Dallas Semiconductor DS3930 Datasheet HTML 2Page - Dallas Semiconductor DS3930 Datasheet HTML 3Page - Dallas Semiconductor DS3930 Datasheet HTML 4Page - Dallas Semiconductor DS3930 Datasheet HTML 5Page - Dallas Semiconductor DS3930 Datasheet HTML 6Page - Dallas Semiconductor DS3930 Datasheet HTML 7Page - Dallas Semiconductor DS3930 Datasheet HTML 8Page - Dallas Semiconductor DS3930 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Hex Nonvolatile Potentiometer with
I/O and Memory
2
______________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40° to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC Relative to Ground...................... -0.5V to +6.0V
Voltage on I/O0, I/O1, I/O2, I/O3, SDA, SCL, A0, A1, and A2
Relative to Ground* .............................. -0.5V to (VCC + 0.5V)
Voltage on LO0-5, W0-5, HI0-2, and HI3-5
Relative to Ground ............................................-0.5V to +6.0V
Current Through W0-5........................................................ ±1mA
Operating Temperature Range .......................... -40°C to +85°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature.................. See IPC/JEDEC J-STD-020A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
Input Logic 1 (SDA, SCL, A0, A1,
A2, I/O0, I/O1, I/O2, I/O3)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (SDA, SCL, A0, A1,
A2, I/O0, I/O1, I/O2, I/O3)
VIL
-0.3
0.3 x
VCC
V
Wiper Current
IW
-1
+1
mA
Potentiometer Terminals
(LO0-5, W0-5, HI0-2, and HI3-5)
VCC = +2.7V to +5.5V
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V; TA = -40°C to +85°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
IIL
-1
+1
µA
VOL1
3mA sink current
0
0.4
V
Low-Level Output Voltage (SDA,
I/O0, I/O1, I/O2, I/O3)
VOL2
6mA sink current
0
0.6
V
I/O Capacitance
CI/O
10
pF
I/O Pullup Resistor Value
RI/O
3.5
5
7.0
k
Ω
3V (Note 2)
160
300
Standby Current
ISTBY
5V (Note 2)
195
350
µA
*This voltage must not exceed 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com