Electronic Components Datasheet Search
  English  ▼

X  

DS3930 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS3930
Description  Hex Nonvolatile Potentiometer with I/O and Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3930 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS3930 Datasheet HTML 1Page - Dallas Semiconductor DS3930 Datasheet HTML 2Page - Dallas Semiconductor DS3930 Datasheet HTML 3Page - Dallas Semiconductor DS3930 Datasheet HTML 4Page - Dallas Semiconductor DS3930 Datasheet HTML 5Page - Dallas Semiconductor DS3930 Datasheet HTML 6Page - Dallas Semiconductor DS3930 Datasheet HTML 7Page - Dallas Semiconductor DS3930 Datasheet HTML 8Page - Dallas Semiconductor DS3930 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Hex Nonvolatile Potentiometer with
I/O and Memory
_____________________________________________________________________
5
VOLTAGE DIVIDER % CHANGE
FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
-20
0
20
40
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.20
-40
100
HI = VCC
LO0-5 = GND
POSITION 127
END-TO-END RESISTANCE % CHANGE
FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-0.80
-0.60
-0.40
-0.20
0
0.20
0.40
0.60
0.80
1.00
-1.00
-40
100
3 POTS IN PARALLEL
MEASURED FROM HI0-2 TO LO0-5
WIPER VOLTAGE
vs. POWER-UP VOLTAGE
POWER-UP VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
0
0
5.0
HI = 5V, LO = GND
POSITION 127
EEPROM RECALL
FOLLOWS VCC
CHANGES TO
PROGRAMMED
VALUE ONCE
EEPROM IS
RECALLED
ACTIVE SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
260
320
380
440
500
560
620
680
740
200
0
400
VCC = 5V
VCC = 3V
SDA = VCC
WIPER VOLTAGE vs. WIPER SETTING
SETTING (DEC)
250
200
150
100
50
1
2
3
4
5
6
0
0
300
HI = 5V
LO = GND
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
140
160
180
200
220
120
-40
100
VCC = 5V
VCC = 3V
SDA = SCL = 5V
Typical Operating Characteristics
(VCC = 5.0V; TA = +25°C, unless otherwise specified.)
ALL POTS DNL (LSB)
POSITION (DEC)
225
200
150 175
50 75 100 125
25
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.10
0
250
POTS 1, 3, 5 INL (LSB)
POSITION (DEC)
225
200
150 175
50 75 100 125
25
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
250
POTS 0, 2, 4, INL (LSB)
POSITION (DEC)
225
200
150 175
50 75 100 125
25
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com