Electronic Components Datasheet Search
  English  ▼

X  

140RTM Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 140RTM
Description  Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140RTM Datasheet(HTML) 5 Page - Vishay Siliconix

  140RTM Datasheet HTML 1Page - Vishay Siliconix 140RTM Datasheet HTML 2Page - Vishay Siliconix 140RTM Datasheet HTML 3Page - Vishay Siliconix 140RTM Datasheet HTML 4Page - Vishay Siliconix 140RTM Datasheet HTML 5Page - Vishay Siliconix 140RTM Datasheet HTML 6Page - Vishay Siliconix 140RTM Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
140 RTM
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
5
Document Number: 28322
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 2
Note
• Multiplier of useful life code: MBC242
Fig. 9 - Multiplier of useful life as a function of ambient temperature
and ripple current load
ENDURANCE TEST DURATION AND USEFUL LIFE
NOMINAL CASE SIZE
Ø D x L
(mm)
CASE CODE
ENDURANCE TEST
AT 125 °C
(h)
USEFUL LIFE
AT 125 °C
(h)
10 x 12
14
2000
2500
10 x 16
15
2000
3000
10 x 20
16
2000
3000
12.5 x 20
17
2000
3000
12.5 x 25
18
2000
3000
16 x 20
19a
2000
3000
16 x 25
19
2000
4000
16 x 31
20
2000
4000
18 x 31
1831
2000
4000
T
amb (°C)
(1)
Lifetime multiplier
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.8
2.6
2.4
2.0
2.2
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
40
50
60
70
80
90
100
110
120
130
MBC242
I
A
I
R
I
A = Actual ripple current at 100 kHz
I
R = Rated ripple current at 100 kHz, 125 °C
(1) Useful life at 125 ºC and I
R applied: see Table 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com