Electronic Components Datasheet Search
  English  ▼

X  

140RTM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 140RTM
Description  Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140RTM Datasheet(HTML) 1 Page - Vishay Siliconix

  140RTM Datasheet HTML 1Page - Vishay Siliconix 140RTM Datasheet HTML 2Page - Vishay Siliconix 140RTM Datasheet HTML 3Page - Vishay Siliconix 140RTM Datasheet HTML 4Page - Vishay Siliconix 140RTM Datasheet HTML 5Page - Vishay Siliconix 140RTM Datasheet HTML 6Page - Vishay Siliconix 140RTM Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
140 RTM
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-16
1
Document Number: 28322
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Radial, High Temperature Miniature
Fig. 1
FEATURES
• Very long useful life: 2500 h to 4000 h at 125 °C
• High stability, high reliability
• AEC-Q200 qualified
• Extended temperature range up to 125 °C
• High ripple current capability
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with pressure
relief, insulated with a blue sleeve
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• EDP, telecommunication, industrial, automotive and
military
• Smoothing, filtering, buffering in SMPS
• High ambient temperature environments
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance value (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (125 °C)
• Negative terminal identification
• Series number (140)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
10 x 12 to 18 x 31
Rated capacitance range, CR
22 μF to 4700 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 V to 63 V
Category temperature range
-55 °C to +125 °C
Endurance test at 125 °C
2000 h
Useful life at 125 °C
2500 h to 4000 h
Useful life at 40 °C, 1.6 x IR applied
300 000 h
Shelf life at 0 V, 125 °C
500 h
Based on sectional specification
IEC 60384-4 / EN 130300
Climatic category IEC 60068
55 / 125 / 56
longer life
lower Z
150 RMI
148 RUS
105 °C
140 RTM
125 °C
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
1016
25
355063
22
---
---
10 x 12
47
-
-
-
-
-
10 x 12
10 x 12
100
-
-
-
-
10 x 12
10 x 16
10 x 20
220
-
-
10 x 12
10 x 16
10 x 16
12.5 x 20
16 x 20
330
-
10 x 12
10 x 16
10 x 20
-
12.5 x 20
16 x 20
470
-
10 x 16
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
-
-
-
-
-
16 x 20
-
1000
-
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31
18 x 31
-
-
-
16 x 20
-
-
-
1200
10 x 16
-
-
-
-
-
-
2200
10 x 20
12.5 x 25
16 x 25
16 x 31
18 x 31
-
-
-
16 x 20
-
-
-
-
-
3300
-
16 x 25
16 x 31
18 x 31
-
-
-
4700
-
16 x 31
18 x 31
-
-
-
-


Similar Part No. - 140RTM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
Aluminum Capacitors Radial, High Temperature Miniature
30-Jun-05
140RTM VISHAY-140RTM Datasheet
111Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
Aluminum Capacitors Radial, High Temperature Miniature
15-Nov-12
140RTM VISHAY-140RTM_V01 Datasheet
111Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
More results

Similar Description - 140RTM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
Aluminum Capacitors Radial, High Temperature Miniature
30-Jun-05
logo
RFE international
SG0R1M1HSA040070 RFE-SG0R1M1HSA040070 Datasheet
83Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS SG Series: Radial, Miniature, High Temperature Range, 105C
logo
Vishay Siliconix
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
Aluminum Capacitors Radial, High Temperature Miniature
15-Nov-12
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
14-Feb-16
142RHS VISHAY-142RHS_16 Datasheet
135Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
19-Sep-16
152RMH VISHAY-152RMH_17 Datasheet
107Kb / 6P
Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
17-Mar-17
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
28-Feb-17
140RTM VISHAY-140RTM_V01 Datasheet
111Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
142RHS VISHAY-142RHS_V01 Datasheet
130Kb / 9P
Aluminum Electrolytic Capacitors Radial High Temperature Standard
01-Jul-2022
152RMH VISHAY-152RMH_V01 Datasheet
105Kb / 6P
Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
17-Mar-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com