Electronic Components Datasheet Search
  English  ▼

X  

160CLA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 160CLA
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160CLA Datasheet(HTML) 5 Page - Vishay Siliconix

  160CLA Datasheet HTML 1Page - Vishay Siliconix 160CLA Datasheet HTML 2Page - Vishay Siliconix 160CLA Datasheet HTML 3Page - Vishay Siliconix 160CLA Datasheet HTML 4Page - Vishay Siliconix 160CLA Datasheet HTML 5Page - Vishay Siliconix 160CLA Datasheet HTML 6Page - Vishay Siliconix 160CLA Datasheet HTML 7Page - Vishay Siliconix 160CLA Datasheet HTML 8Page - Vishay Siliconix 160CLA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
160 CLA
www.vishay.com
Vishay BCcomponents
Revision: 14-Dec-16
5
Document Number: 28405
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 5 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 160 CLA series
220 μF / 50 V; ± 20 %
Nominal case size: 12.5 mm x 12.5 mm x 16 mm;
taped on reel
Ordering code: MAL216099103E3
Table 5
Note
(1) Determines the applicable row in the table “Endurance Test Duration and Useful Life”
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 150 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
150 °C
100 kHz
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
Z
100 kHz
-40 °C
(
)
LIFE
CODE (1)
ORDERING
CODE
MAL2160...
16
470
12.5 x 12.5 x 13
750
75
0.16
0.080
0.70
L2
99501E3
680
12.5 x 12.5 x 13
800
109
0.16
0.080
0.70
L2
99502E3
1000
16 x 16 x 16
850
160
0.16
0.050
0.45
L3
99503E3
1500
18 x 18 x 16
900
240
0.16
0.050
0.45
L3
99504E3
2200
16 x 16 x 21
1100
352
0.18
0.035
0.32
L5
99505E3
2700
18 x 18 x 21
1350
432
0.18
0.035
0.32
L5
99506E3
3300
18 x 18 x 21
1400
528
0.20
0.035
0.32
L5
99507E3
25
330
12.5 x 12.5 x 13
650
83
0.14
0.080
0.70
L2
99601E3
470
12.5 x 12.5 x 13
700
118
0.14
0.080
0.70
L2
99602E3
680
16 x 16 x 16
800
170
0.14
0.050
0.45
L3
99603E3
1000
18 x 18 x 16
830
250
0.14
0.050
0.45
L3
99604E3
1500
16 x 16 x 21
1050
375
0.14
0.035
0.32
L5
99605E3
2200
18 x 18 x 21
1350
550
0.16
0.035
0.32
L5
99606E3
35
220
12.5 x 12.5 x 13
550
77
0.12
0.080
0.70
L2
99001E3
330
12.5 x 12.5 x 13
650
116
0.12
0.080
0.70
L2
99002E3
470
16 x 16 x 16
800
165
0.12
0.050
0.45
L3
99003E3
680
18 x 18 x 16
830
238
0.12
0.050
0.45
L3
99004E3
1000
16 x 16 x 21
1000
350
0.12
0.035
0.32
L5
99005E3
1500
18 x 18 x 21
1350
525
0.12
0.035
0.32
L5
99006E3
50
100
12.5 x 12.5 x 13
420
50
0.10
0.130
1.20
L2
99101E3
150
12.5 x 12.5 x 13
450
75
0.10
0.120
1.10
L2
99102E3
220
12.5 x 12.5 x 16
550
110
0.10
0.085
0.76
L2
99103E3
330
16 x 16 x 16
700
165
0.10
0.072
0.65
L3
99104E3
470
18 x 18 x 16
720
235
0.10
0.070
0.63
L3
99105E3
680
16 x 16 x 21
800
340
0.10
0.052
0.47
L5
99106E3
1000
18 x 18 x 21
1100
500
0.10
0.049
0.44
L5
99107E3
63
47
12.5 x 12.5 x 13
300
30
0.10
0.240
2.16
L1
99801E3
68
12.5 x 12.5 x 13
320
43
0.10
0.240
2.16
L1
99802E3
100
12.5 x 12.5 x 13
320
63
0.10
0.240
2.16
L1
99803E3
150
12.5 x 12.5 x 16
400
95
0.10
0.160
1.44
L2
99804E3
220
16 x 16 x 16
500
139
0.10
0.100
0.90
L3
99805E3
330
18 x 18 x 16
520
208
0.10
0.095
0.86
L3
99806E3
470
16 x 16 x 21
600
296
0.10
0.075
0.68
L5
99807E3
680
18 x 18 x 21
700
428
0.10
0.072
0.65
L5
99808E3
80
68
12.5 x 12.5 x 13
270
54
0.12
0.780
6.24
L1
99701E3
100
12.5 x 12.5 x 16
320
80
0.12
0.650
5.20
L1
99702E3
150
16 x 16 x 16
430
120
0.12
0.390
3.12
L3
99703E3
220
18 x 18 x 16
430
176
0.12
0.390
3.12
L3
99704E3
330
18 x 18 x 21
520
264
0.12
0.300
2.40
L4
99705E3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com