Electronic Components Datasheet Search
  English  ▼

X  

160CLA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 160CLA
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160CLA Datasheet(HTML) 2 Page - Vishay Siliconix

  160CLA Datasheet HTML 1Page - Vishay Siliconix 160CLA Datasheet HTML 2Page - Vishay Siliconix 160CLA Datasheet HTML 3Page - Vishay Siliconix 160CLA Datasheet HTML 4Page - Vishay Siliconix 160CLA Datasheet HTML 5Page - Vishay Siliconix 160CLA Datasheet HTML 6Page - Vishay Siliconix 160CLA Datasheet HTML 7Page - Vishay Siliconix 160CLA Datasheet HTML 8Page - Vishay Siliconix 160CLA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
160 CLA
www.vishay.com
Vishay BCcomponents
Revision: 14-Dec-16
2
Document Number: 28405
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Dimensional outline
Table 1
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
16
25
35
50
63
80
47


12.5 x 12.5 x 13
-
68


12.5 x 12.5 x 13
12.5 x 12.5 x 13
100

12.5 x 12.5 x 13
12.5 x 12.5 x 13
12.5 x 12.5 x 16
150

12.5 x 12.5 x 13
12.5 x 12.5 x 16
16 x 16 x 16
220

12.5 x 12.5 x 13
12.5 x 12.5 x 16
16 x 16 x 16
18 x 18 x 16
330
12.5 x 12.5 x 13
12.5 x 12.5 x 13
16 x 16 x 16
18 x 18 x 16
18 x 18 x 21
470
12.5 x 12.5 x 13
12.5 x 12.5 x 13
16 x 16 x 16
18 x 18 x 16
16 x 16 x 21
-
680
12.5 x 12.5 x 13
16 x 16 x 16
18 x 18 x 16
16 x 16 x 21
18 x 18 x 21
-
1000
16 x 16 x 16
18 x 18 x 16
16 x 16 x 21
18 x 18 x 21
-
-
1500
18 x 18 x 16
16 x 16 x 21
18 x 18 x 21
-
-
-
2200
16 x 16 x 21
18 x 18 x 21
-
-
-
-
2700
18 x 18 x 21
-
-
-
-
-
3300
18 x 18 x 21
-
-
-
-
-
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
L x W x H
CASE
CODE
LMAX.
WMAX.
HMAX.
Ø D
BMAX.
SL1MAX.
MASS
(g)
12.5 x 12.5 x 13
1213
12.9
12.9
14.0
12.5
1.3
3.6
14.9
 2.9
12.5 x 12.5 x 16
1216
12.9
12.9
16.5
12.5
1.3
3.6
14.9
 3.2
16 x 16 x 16
1616
16.6
16.6
17.5
16.0
1.3
6.5
18.6
 5.8
16 x 16 x 21
1621
16.6
16.6
22.0
16.0
1.3
6.5
18.6
 7.1
18 x 18 x 16
1816
19.0
19.0
17.5
18.0
1.3
6.5
21.0
 8.0
18 x 18 x 21
1821
19.0
19.0
22.0
18.0
1.3
6.5
21.0
 9.3
L1
MAX.
L
MAX.
4-pin:
H
MAX.
D
Ø 12.5 mm
MAX. 0.3
W
MAX.
H
MAX.
D
6-pin:
≥ Ø 16 mm
S
B
MAX. 0.3
W
MAX.
L
MAX.
L1
MAX.
S
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com