Electronic Components Datasheet Search
  English  ▼

X  

FKC05 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FKC05
Description  5 WATT DC DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FKC05 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FKC05 Datasheet HTML 1Page - List of Unclassifed Manufacturers FKC05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
•
•
•
•
•
•
5 WATTS OUTPUT POWER
2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
INTERNATIONAL SAFETY STANDARD APPROVAL
FIVE-SIDED SHIELD
HIGH EFFICIENCY UP TO 84%
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
FIXED SWITCHING FREQUENCY
The FKC05 series offer 5 watts of output power from a package in an IC compatible
24pin DIP configuration without derating to 71ºC ambient temperature and pin to pin
compatible with FKC03 series. FKC05 series have 2:1 wide input voltage of 9-18,
18-36 and 36-75VDC. FKC05-W series have 4:1 ultra wide input voltage of 9-36 and
18-75VDC. The FKC05 features 1600VDC of isolation, short-circuit protection and as
well as five sided shielding. All models are particularly suited to telecommunications,
industrial, mobile telecom and test equipment applications.
UL
E193009
TUV R3-50007936
CB
JPTUV-003641
CE MARK
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
OUTPUT SPECIFICATIONS
Output power
5 Watts max
Voltage accuracy
Full load and nominal Vin
± 2%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
25% to 100% FL
Single
Dual
± 0.5%
± 1%
Cross regulation(Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
50mVp-p
Temperature coefficient
± 0.02% / ºC, max
Transient response recovery time 25% load step change
200uS
Over load protection
% of FL at nominal input
170% typ
Short circuit protection
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
FKC05
FKC05-W
12V nominal input
24V nominal input
48V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
9 – 36VDC
18 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple (Note 2)
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and constant resistor load
600mS typ
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input ( Output ) to Case
1600VDC, min
DIP
1600VDC, min
SMD
1000VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
300pF, max
Switching frequency
300KHz, typ
Approvals and standard
IEC60950, UL1950, EN60950
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 3)
3.165 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
Standard
M1 (Note 4)
M2 (W series)
-25ºC~+85ºC (with derating)
-40ºC~+85ºC (non-derating)
-40ºC~+85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance
Nature convection
20ºC/watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30minitues along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Class A
Radiated emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria2
Radiated immunity
EN61000-4-3
Perf. Criteria2
Fast transient
EN61000-4-4
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Conducted immunity
EN61000-4-6
Perf. Criteria2
50
60
70
80
90 100
-40
0
-25
0
-10
FKC05-48S05 Derating Curve
Nature convection
M1 Version
100
75
50
25
AMBIENT TEMPERATURE (ºC)


Similar Part No. - FKC05

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05-12D05 ASTRODYNE-FKC05-12D05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FKC05-12D05 P-DUKE-FKC05-12D05 Datasheet
234Kb / 3P
5 WATTS OUTPUT POWER
FKC05-12D05 P-DUKE-FKC05-12D05 Datasheet
453Kb / 4P
DC-DC CONVERTER
logo
Astrodyne Corporation
FKC05-12D05 ASTRODYNE-FKC05-12D05 Datasheet
149Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

Similar Description - FKC05

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
5 Watt | DC-DC Converter
AM5TW-VZ AIMTEC-AM5TW-VZ Datasheet
407Kb / 3P
5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
5 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
5 Watt | DC-DC Converter
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
5 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com