Electronic Components Datasheet Search
  English  ▼

X  

FKC05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FKC05
Description  5 WATT DC DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FKC05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FKC05 Datasheet HTML 1Page - List of Unclassifed Manufacturers FKC05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(5)
Eff
(6)
(%)
Capacitor
(7)
Load max
FKC05-12S33
9 – 18 VDC
3.3 VDC
1000mA
382mA
76
2200uF
FKC05-12S05
9 – 18 VDC
5 VDC
1000mA
563mA
78
1000uF
FKC05-12S12
9 – 18 VDC
12 VDC
470mA
603mA
82
220uF
FKC05-12S15
9 – 18 VDC
15 VDC
400mA
649mA
81
150uF
FKC05-12D05
9 – 18 VDC
± 5 VDC
± 500mA
563mA
78
± 680uF
FKC05-12D12
9 – 18 VDC
± 12 VDC
± 230mA
597mA
81
± 100uF
FKC05-12D15
9 – 18 VDC
± 15 VDC
± 190mA
594mA
84
± 68uF
FKC05-24S33 (W)
18 – 36 (9 – 36) VDC
3.3 VDC
1000mA
194mA (191mA)
75 (76)
2200uF
FKC05-24S05 (W)
18 – 36 (9 – 36) VDC
5 VDC
1000mA
285mA (278mA)
77 (79)
1000uF
FKC05-24S12 (W)
18 – 36 (9 – 36) VDC
12 VDC
470mA
305mA (309mA)
81 (80)
220uF
FKC05-24S15 (W)
18 – 36 (9 – 36) VDC
15 VDC
400mA
325mA (312mA)
81 (84)
150uF
FKC05-24D05 (W)
18 – 36 (9 – 36) VDC
± 5 VDC
± 500mA
274mA (282mA)
80 (78)
± 680uF
FKC05-24D12 (W)
18 – 36 (9 – 36) VDC
± 12 VDC
± 230mA
288mA (295mA)
84 (82)
± 100uF
FKC05-24D15 (W)
18 – 36 (9 – 36) VDC
± 15 VDC
± 190mA
308mA (297mA)
81 (84)
± 68uF
FKC05-48S33 (W)
36 – 75 (18 – 75) VDC
3.3 VDC
1000mA
98mA (100mA)
74 (73)
2200uF
FKC05-48S05 (W)
36 – 75 (18 – 75) VDC
5 VDC
1000mA
143mA (138mA)
77 (79)
1000uF
FKC05-48S12 (W)
36 – 75 (18 – 75) VDC
12 VDC
470mA
151mA (155mA)
82 (80)
220uF
FKC05-48S15 (W)
36 – 75 (18 – 75) VDC
15 VDC
400mA
162mA (160mA)
81 (82)
150uF
FKC05-48D05 (W)
36 – 75 (18 – 75) VDC
± 5 VDC
± 500mA
141mA (145mA)
78 (76)
± 680uF
FKC05-48D12 (W)
36 – 75 (18 – 75) VDC
± 12 VDC
± 230mA
147mA (151mA)
82 (80)
± 100uF
FKC05-48D15 (W)
36 – 75 (18 – 75) VDC
± 15 VDC
± 190mA
154mA (159mA)
81 (79)
± 68uF
Note
1.
The FKC05 (W) series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage
these devices, however they may not meet all listed specification.
2.
Simulated source impedance of 12uH. 12uH inductor on series with + Vin.
3.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment)
4.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version
5.
Maximum value at nominal input voltage and full load of standard type.
6.
Typical value at nominal input voltage and full load
7.
Test by minimum Vin and constant resistor load.
8.
There is no pin at PIN10 & PIN15 for FKC05-W series
Suffix-SMD
1. All dimensions in Inches (mm)
2. Pin pitch tolerance ± 0.014(0.35)
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
Pin Area
0.04 x 0.02
(1.0 x 0.5)
BOTTOM
VIEW
9
5
1
12
20
16
13
24
0.80(20.3)
0.43(10.9)
0.44(11.2)
0.92(23.4)
1.00(25.4)
BOTTOM
VIEW
0.18(4.6)
0.15
(3.8)
0.40
(10.2)
0.80(20.3)
0.60(15.2)
9
11
10
3
2
23
22
14
16
15
NC
NC
Others
NC
NC
Others
+ OUTPUT
+ OUTPUT
14
- OUTPUT
NC
11
DUAL
SINGLE
PIN
NC
NC
15
NC
10
- OUTPUT
16
COMMON
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
23
COMMON
NC
NC
9
- INPUT
- INPUT
3
- INPUT
- INPUT
2
DUAL
SINGLE
PIN
SMD PIN CONNECTION
+ OUTPUT
+ OUTPUT
14
- OUTPUT
NC
11
DUAL
SINGLE
PIN
NC(Note 8) NC(Note 8)
15
10
- OUTPUT
16
COMMON
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
23
9
NC
COMMON
NC(Note 8) NC(Note 8)
- INPUT
- INPUT
3
- INPUT
- INPUT
2
DUAL
SINGLE
PIN
DIP PIN CONNECTION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com