Electronic Components Datasheet Search
  English  ▼

X  

036RSP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 036RSP
Description  Aluminum Electrolytic Capacitors Radial Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

036RSP Datasheet(HTML) 2 Page - Vishay Siliconix

  036RSP Datasheet HTML 1Page - Vishay Siliconix 036RSP Datasheet HTML 2Page - Vishay Siliconix 036RSP Datasheet HTML 3Page - Vishay Siliconix 036RSP Datasheet HTML 4Page - Vishay Siliconix 036RSP Datasheet HTML 5Page - Vishay Siliconix 036RSP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
036 RSP
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
2
Document Number: 28312
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form CA: Long leads
Fig. 3 - Form CB: Cut leads
Fig. 4 - Form TFA: Taped in box (ammopack)
Fig. 5 - Form TNA: Taped in box (ammopack)
Table 1
Note
• For tape dimensions, please see www.vishay.com/doc?28360.
Ø D
L
F
15 min.
5 min.
Ø d
+-
Ø D
L
Ø d
-
+
5 ± 0.5
4
+ 1
0
Case Ø D x L = 8.2 mm x 11 mm only
Pitch F = 5 mm
Case Ø D x L = 5 mm x 11 mm and 8.2 mm x 11 mm
Pitch F = 2.5 mm
Case Ø D x L = 5 mm x 11 mm only
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM
CA, CB
FORM
TFA, TNA
5 x 11
11
0.5
5.5
12
2.5 ± 0.5
 0.4
1000
2000
8.2 x 11
13
0.6
8.7
12
5.0 ± 0.5
1.1
1000
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com