Electronic Components Datasheet Search
  English  ▼

X  

036RSP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 036RSP
Description  Aluminum Electrolytic Capacitors Radial Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

036RSP Datasheet(HTML) 3 Page - Vishay Siliconix

  036RSP Datasheet HTML 1Page - Vishay Siliconix 036RSP Datasheet HTML 2Page - Vishay Siliconix 036RSP Datasheet HTML 3Page - Vishay Siliconix 036RSP Datasheet HTML 4Page - Vishay Siliconix 036RSP Datasheet HTML 5Page - Vishay Siliconix 036RSP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
036 RSP
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
3
Document Number: 28312
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 036 series
100 μF / 16 V; ± 20 %
Nominal case size: Ø 5 x 11 mm; Form TFA
Ordering code: MAL203635101E3
Former 12NC: 2222 036 35101
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 85 °C
IL1
Max. leakage current after 1 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 10 kHz and 20 °C
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
10 kHz
(
)
ORDERING CODE MAL2036.......
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)
6.3
100
5 x 11
130
7
0.20
1.7
53101E3
2.5
-
-
33101E3
5.0
73101E3
2.5
330
8.2 x 11
300
16
0.20
0.52
53331E3
5.0
63331E3
5.0
33331E3
5.0
-
-
10
47
5 x 11
95
6
0.16
2.8
54479E3
2.5
-
-
34479E3
5.0
74479E3
2.5
150
5 x 11
150
12
0.20
1.3
54151E3
2.5
-
-
34151E3
5.0
74151E3
2.5
220
8.2 x 11
260
17
0.16
0.59
54221E3
5.0
64221E3
5.0
34221E3
5.0
-
-
470
8.2 x 11
400
31
0.20
0.43
54471E3
5.0
64471E3
5.0
34471E3
5.0
-
-
16
33
5 x 11
90
7
0.14
2.7
55339E3
2.5
-
-
35339E3
5.0
75339E3
2.5
100
5 x 11
160
13
0.16
1.6
55101E3
2.5
-
-
35101E3
5.0
75101E3
2.5
150
8.2 x 11
230
18
0.14
0.6
55151E3
5.0
65151E3
5.0
35151E3
5.0
-
-
220
8.2 x 11
280
24
0.16
0.55
55221E3
5.0
65221E3
5.0
35221E3
5.0
-
-
330
8.2 x 11
390
35
0.16
0.48
55331E3
5.0
65331E3
5.0
35331E3
5.0
-
-
25
68
5 x 11
140
13
0.14
1.8
56689E3
2.5
-
-
36689E3
5.0
76689E3
2.5
100
8.2 x 11
210
18
0.12
0.7
56101E3
5.0
66101E3
5.0
36101E3
5.0
-
-
220
8.2 x 11
310
36
0.14
0.55
56221E3
5.0
66221E3
5.0
36221E3
5.0
-
-
35
22
5 x 11
87
8
0.10
2.7
90001E3
2.5
-
-
90027E3
5.0
90389E3
2.5
47
5 x 11
130
13
0.12
1.9
90094E3
2.5
-
-
90098E3
5.0
90391E3
2.5
150
8.2 x 11
270
35
0.12
0.6
90099E3
5.0
90101E3
5.0
90103E3
5.0
-
-
40
15
5 x 11
72
7
0.10
3.7
57159E3
2.5
-
-
37159E3
5.0
77159E3
2.5
68
8.2 x 11
180
20
0.10
0.81
57689E3
5.0
67689E3
5.0
37689E3
5.0
-
-
50
10
5 x 11
60
6
0.08
4.5
90004E3
2.5
-
-
90028E3
5.0
90392E3
2.5
33
5 x 11
110
13
0.10
2.1
90104E3
2.5
-
-
90108E3
5.0
90393E3
2.5
47
8.2 x 11
160
18
0.08
0.96
90011E3
5.0
90012E3
5.0
90031E3
5.0
-
-
100
8.2 x 11
250
33
0.10
0.7
90109E3
5.0
90111E3
5.0
90113E3
5.0
-
-
63
2.2
5 x 11
25
4
0.06
18
58228E3
2.5
-
-
38228E3
5.0
78228E3
2.5
3.3
5 x 11
38
5
0.06
12
58338E3
2.5
-
-
38338E3
5.0
78338E3
2.5
4.7
5 x 11
45
5
0.06
8.5
58478E3
2.5
-
-
38478E3
5.0
78478E3
2.5
6.8
5 x 11
55
6
0.06
5.9
58688E3
2.5
-
-
38688E3
5.0
78688E3
2.5
10
5 x 11
70
7
0.06
4.0
58109E3
2.5
-
-
38109E3
5.0
78109E3
2.5
10
8.2 x 11
120
7
0.04
2.8
90036E3
5.0
90041E3
5.0
90181E3
5.0
-
-
15
5 x 11
80
9
0.07
3.1
58159E3
2.5
-
-
38159E3
5.0
78159E3
2.5
22
5 x 11
100
11
0.08
2.7
58229E3
2.5
-
-
38229E3
5.0
78229E3
2.5
22
8.2 x 11
150
11
0.05
1.4
90117E3
5.0
90118E3
5.0
90139E3
5.0
-
-
33
8.2 x 11
160
16
0.06
1.2
58339E3
5.0
68339E3
5.0
38339E3
5.0
-
-
47
8.2 x 11
190
21
0.07
1.0
58479E3
5.0
68479E3
5.0
38479E3
5.0
-
-
68
8.2 x 11
210
29
0.08
0.88
58689E3
5.0
68689E3
5.0
38689E3
5.0
-
-
100
10
8.2 x 11
80
9
0.06
3.5
59109E3
5.0
69109E3
5.0
39109E3
5.0
-
-
22
8.2 x 11
110
16
0.06
1.8
59229E3
5.0
69229E3
5.0
39229E3
5.0
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com