Electronic Components Datasheet Search
  English  ▼

X  

GD75232DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # GD75232DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75232DW Datasheet(HTML) 4 Page - Texas Instruments

  GD75232DW Datasheet HTML 1Page - Texas Instruments GD75232DW Datasheet HTML 2Page - Texas Instruments GD75232DW Datasheet HTML 3Page - Texas Instruments GD75232DW Datasheet HTML 4Page - Texas Instruments GD75232DW Datasheet HTML 5Page - Texas Instruments GD75232DW Datasheet HTML 6Page - Texas Instruments GD75232DW Datasheet HTML 7Page - Texas Instruments GD75232DW Datasheet HTML 8Page - Texas Instruments GD75232DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage (see Note 4)
7.5
9
15
V
VSS
Supply voltage (see Note 4)
−7.5
−9
−15
V
VCC
Supply voltage (see Note 4)
4.5
5
5.5
V
VIH
High-level input voltage (driver only)
1.9
V
VIL
Low-level input voltage (driver only)
0.8
V
IOH
High-level output current
Driver
−6
mA
IOH
High-level output current
Receiver
−0.5
mA
IOL
Low-level output current
Driver
6
mA
IOL
Low-level output current
Receiver
16
mA
TA
Operating free-air temperature
GD65232
−40
85
°C
TA
Operating free-air temperature
GD75232
0
70
°C
NOTE 4: When powering up the GD65232 and GD75232, the following sequence should be used:
1. VSS
2. VDD
3. VCC
4. I/Os
Applying VCC before VDD may allow large currents to flow, causing damage to the device. When powering down the GD65232 and
GD75232, the reverse sequence should be used.
supply currents over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDD = 9 V,
VSS = −9 V
15
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = −12 V
19
IDD
Supply current from VDD
All inputs at 1.9 V,
No load
VDD = 15 V,
VSS = −15 V
25
mA
IDD
Supply current from VDD
VDD = 9 V,
VSS = −9 V
4.5
mA
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = −12 V
5.5
All inputs at 0.8 V,
No load
VDD = 15 V,
VSS = −15 V
9
VDD = 9 V,
VSS = −9 V
−15
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = −12 V
−19
ISS
Supply current from VSS
All inputs at 1.9 V,
No load
VDD = 15 V,
VSS = −15 V
−25
mA
ISS
Supply current from VSS
VDD = 9 V,
VSS = −9 V
−3.2
mA
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = −12 V
−3.2
All inputs at 0.8 V,
No load
VDD = 15 V,
VSS = −15 V
−3.2
ICC
Supply current from VCC
All inputs at 5 V,
No load,
VCC = 5 V
GD65232
38
mA
ICC
Supply current from VCC
All inputs at 5 V,
No load,
VCC = 5 V
GD75232
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com