Electronic Components Datasheet Search
  English  ▼

X  

GD75232DW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # GD75232DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75232DW Datasheet(HTML) 11 Page - Texas Instruments

Back Button GD75232DW Datasheet HTML 7Page - Texas Instruments GD75232DW Datasheet HTML 8Page - Texas Instruments GD75232DW Datasheet HTML 9Page - Texas Instruments GD75232DW Datasheet HTML 10Page - Texas Instruments GD75232DW Datasheet HTML 11Page - Texas Instruments GD75232DW Datasheet HTML 12Page - Texas Instruments GD75232DW Datasheet HTML 13Page - Texas Instruments GD75232DW Datasheet HTML 14Page - Texas Instruments GD75232DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS leads protect the GD65232 and GD75232 in the fault condition in which
the device outputs are shorted to
±15 V and the power supplies are at low and provide low-impedance paths to ground
(see Figure 15).
VDD
VSS
±15 V
Output
GD65232,
GD75232
GD65232,
GD75232
VSS
VDD
Figure 15. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA/EIA-232-F
GD65232,
GD75232
5 V
TL16C450
ACE
−12 V
TIA/EIA-232-F
DB9S
Connector
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
43
37
40
13
36
11
41
42
RI
DTR
CTS
SO
RTS
SI
DSR
DCD
12 V
5
9
6
1
C3
C2
C1
GND
RY5
DA3
RY4
DA2
DA1
RY3
RY2
RY1
VCC
RA5
DY3
RA4
DY2
DY1
RA3
RA2
RA1
VDD
VSS
RI
DTR
CTS
TX
RTS
RX
DSR
DCD
Figure 16. Typical Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com