Electronic Components Datasheet Search
  English  ▼

X  

HAL502 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HAL502
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL502 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HAL502 Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
HAL5xx
3
Micronas
Hall Effect Sensor Family
in CMOS technology
Release Notes: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The HAL5xx family consists of different Hall switches
produced in CMOS technology. All sensors include a
temperature-compensated Hall plate with active offset
compensation, a comparator, and an open-drain output
transistor. The comparator compares the actual mag-
netic flux through the Hall plate (Hall voltage) with the
fixed reference values (switching points). Accordingly,
the output transistor is switched on or off.
The sensors of this family differ in the switching behavior
and the switching points.
The active offset compensation leads to constant mag-
netic characteristics over supply voltage and tempera-
ture range. In addition, the magnetic parameters are ro-
bust against mechanical stress effects.
The sensors are designed for industrial and automotive
applications and operate with supply voltages from
3.8 V to 24 V in the ambient temperature range from
–40
°C up to 150 °C.
All sensors are available in a SMD-package (SOT-89B)
and in a leaded version (TO-92UA).
1.1. Features:
– switching offset compensation at typically 62 kHz
– operates from 3.8 V to 24 V supply voltage
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust against mechani-
cal stress effects
– short-circuit protected open-drain output by thermal
shut down
– operates with static magnetic fields and dynamic mag-
netic fields up to 10 kHz
– constant switching points over a wide supply voltage
range
– the decrease of magnetic flux density caused by rising
temperature in the sensor system is compensated by
a built-in negative temperature coefficient of the mag-
netic characteristics
– ideal sensor for applications in extreme automotive
and industrial environments
– EMC corresponding to DIN 40839
1.2. Family Overview
The types differ according to the magnetic flux density
values for the magnetic switching points, the tempera-
ture behavior of the magnetic switching points, and the
mode of switching.
Type
Switching
Behavior
Sensitivity
see
Page
501
bipolar
very high
14
502
latching
high
16
503
latching
medium
18
504
unipolar
medium
20
505
latching
low
22
506
unipolar
high
24
508
unipolar
medium
26
509
unipolar
low
28
516
unipolar with
inverted output
high
30
517
unipolar with
inverted output
medium
32
518
unipolar with
inverted output
medium
34
519
unipolar with
inverted output
(north polarity)
high
36
523
unipolar
low
38
Latching Sensors:
The output turns low with the magnetic south pole on the
branded side of the package and turns high with the
magnetic north pole on the branded side. The output
does not change if the magnetic field is removed. For
changing the output state, the opposite magnetic field
polarity must be applied.
Bipolar Switching Sensors:
The output turns low with the magnetic south pole on the
branded side of the package and turns high with the
magnetic north pole on the branded side. The output
state is not defined for all sensors if the magnetic field is
removed again. Some sensors will change the output
state and some sensors will not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com