Electronic Components Datasheet Search
  English  ▼

X  

HAL502 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HAL502
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL502 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HAL502 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL502 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
HAL5xx
9
Micronas
3.7. Magnetic Characteristics Overview at TJ = –40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL 501
–40
°C
–0.8
0.6
2.5
–2.5
–0.8
0.8
0.5
1.4
2
mT
bipolar
25
°C
–0.5
0.5
2.3
–2.3
–0.7
0.5
0.5
1.2
1.9
mT
170
°C
–1.5
0.7
3
–2.5
–0.2
2
0.4
0.9
1.8
mT
HAL 502
–40
°C
1
2.8
5
–5
–2.8
–1
4.5
5.6
7.2
mT
latching
25
°C
1
2.6
4.5
–4.5
–2.6
–1
4.5
5.2
7
mT
170
°C
0.9
2.3
4.3
–4.3
–2.3
–0.9
3.5
4.6
6.8
mT
HAL 503
–40
°C
6.4
8.6
10.8
–10.8
–8.6
–6.4
14.6
17.2
20.6
mT
latching
25
°C
6
8
10
–10
–8
–6
13.6
16
18
mT
170
°C
4
6.4
8.9
–8.9
–6
–4
11
12.4
16
mT
HAL 504
–40
°C
10.3
13
15.7
5.3
7.5
9.6
4.4
5.5
6.5
mT
unipolar
25
°C
9.5
12
14.5
5
7
9
4
5
6.5
mT
170
°C
8.5
10.2
13.7
4.2
5.9
8.5
3.2
4.3
6.4
mT
HAL 505
–40
°C
11.8
15
18.3
–18.3
–15
–11.8
26
30
34
mT
latching
25
°C
11
13.5
17
–17
–13.5
–11
24
27
32
mT
170
°C
9.4
11.7
16.1
–16.1
–11.7
–9.4
20
23.4
31.3
mT
HAL 506
–40
°C
4.3
5.9
7.7
2.1
3.8
5.4
1.6
2.1
2.8
mT
unipolar
25
°C
3.8
5.5
7.2
2
3.5
5
1.5
2
2.7
mT
170
°C
3.2
4.6
6.8
1.7
3
5.2
0.9
1.6
2.6
mT
HAL 508
–40
°C
15.5
19
21.9
14
16.7
20
1.6
2.3
2.8
mT
unipolar
25
°C
15
18
20.7
13.5
16
19
1.5
2
2.7
mT
170
°C
12.7
15.3
20
11.4
13.6
18.3
1
1.7
2.6
mT
HAL 509
–40
°C
23.1
27.4
31.1
19.9
23.8
27.2
2.9
3.6
3.9
mT
unipolar
25
°C
23.1
26.8
30.4
19.9
23.2
26.6
2.8
3.5
3.9
mT
170
°C
21.3
25.4
28.9
18.3
22.1
25.3
2.5
3.3
3.8
mT
HAL 516
–40
°C
2.1
3.8
5.4
4.3
5.9
7.7
1.6
2.1
2.8
mT
unipolar
25
°C
2
3.5
5
3.8
5.5
7.2
1.5
2
2.7
mT
inverted
170
°C
1.7
3
5.2
3.2
4.6
6.8
0.9
1.6
2.6
mT
HAL 517
–40
°C
14
17.1
21.5
15.5
19.6
22.5
1.6
2.5
3
mT
unipolar
25
°C
13.5
16.2
19
15
18.3
20.7
1.5
2.1
2.7
mT
inverted
170
°C
9
12.3
18
10.5
13.7
20
0.8
1.4
2.4
mT
HAL 518
–40
°C
14
16.7
20
15.5
19
22
1.5
2.3
3
mT
unipolar
25
°C
13.5
16
19
15
18
20.7
1.4
2
2.8
mT
inverted
170
°C
11
13.6
18.3
12.2
15.3
20
0.8
1.7
2.6
mT
Note: For detailed descriptions of the individual types, see pages 14 and following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com