Electronic Components Datasheet Search
  English  ▼

X  

SX950 Datasheet(PDF) 1 Page - A-Data Technology

Part # SX950
Description  XPG SX950 3D NAND 2.5-inch Solid State Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SX950 Datasheet(HTML) 1 Page - A-Data Technology

  SX950 Datasheet HTML 1Page - A-Data Technology SX950 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.xpg.com
XPG SX950 3D NAND 2.5-inch Solid State Drive
The SX950 is the first 2.5" SSD from XPG which implements 3D NAND Flash for higher density, optimized
performance, and high durability, fully meeting gamer expectations for speed and stability during the most
intense action. With up to 1.92TB, users can store bigger games and more titles. With support for
intelligent SLC caching and DRAM cache buffer, maximum read/write speeds on the SX950 reach
560/530MB per second. This makes instant boot and faster loading times a reality for gamers. In addition,
the SX950 features LDPC ECC and RAID Engine technology, which strengthen data protection and integrity.
Features
Ordering Information
● 3D MLC NAND Flash for higher capacity and
Capacity
Model Number
EAN Code
durability
240GB
ASX950SS-240GM-C
4712366963641
● 6-year warranty
480GB
ASX950SS-480GM-C
4712366963658
● Read/Write speed up to 560/530MB/s
960GB
ASX950SS-960GM-C
4712366964884
● SMI Controller
1.92TB
ASX950SS-1.92TM-C
4713218463128
● Intelligent SLC caching and DRAM cache buffer
● LDPC ECC and RAID Engine
● High TBW up to 1600TB for excellent longevity
● Bundled with a 2.5mm spacer and 3.5” bracket -
Suitable for ultrabooks, gaming notebooks and
high-end desktops


Similar Part No. - SX950

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9500 SEMTECH-SX9500 Datasheet
859Kb / 31P
Ultra Low Power, Capacitive Four (4) - Channel Proximity/Button
SX9500EVK SEMTECH-SX9500EVK Datasheet
859Kb / 31P
Ultra Low Power, Capacitive Four (4) - Channel Proximity/Button
SX9500EVKA SEMTECH-SX9500EVKA Datasheet
775Kb / 21P
Ultra Low Power, Four Channels Capacitive Proximity/Button Solution with Dedicated Outputs
SX9500IULTRT SEMTECH-SX9500IULTRT Datasheet
859Kb / 31P
Ultra Low Power, Capacitive Four (4) - Channel Proximity/Button
SX9501 SEMTECH-SX9501 Datasheet
775Kb / 21P
Ultra Low Power, Four Channels Capacitive Proximity/Button Solution with Dedicated Outputs
More results

Similar Description - SX950

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS60GSSD25D-M TRANSCEND-TS60GSSD25D-M Datasheet
1Mb / 18P
2.5??Solid State Drive
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
2.5??Solid State Disk
logo
A-Data Technology
SX900 A-DATA-SX900 Datasheet
552Kb / 2P
ADATA XPG SX900 Solid State Drive
SX910 A-DATA-SX910 Datasheet
486Kb / 3P
ADATA XPG SX910 Solid State Drive
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
3D NAND Flash
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
Quality 3D NAND Flash
logo
Kingston Technology Far...
KC600 KINGSTON-KC600 Datasheet
227Kb / 2P
Hardware-based self-encrypting drive with 3D TLC NAND
logo
Intel Corporation
530 INTEL-530 Datasheet
481Kb / 27P
Intel짰 Solid-State Drive 530 Series (2.5-inch)
April 2015
535 INTEL-535 Datasheet
740Kb / 31P
Intel짰 Solid-State Drive 535 Series (2.5-inch)
Sept 2015
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com