Electronic Components Datasheet Search
  English  ▼

X  

SX950 Datasheet(PDF) 2 Page - A-Data Technology

Part # SX950
Description  XPG SX950 3D NAND 2.5-inch Solid State Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SX950 Datasheet(HTML) 2 Page - A-Data Technology

  SX950 Datasheet HTML 1Page - A-Data Technology SX950 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.xpg.com
Specifications
● Capacities: 240GB / 480GB / 960GB / 1.92TB
● Power Consumption: 0.82W Active (Typical),
● Controller: SMI
0.41W Slumber (Typical) (*measured by power meter)
● NAND Flash: 3D MLC
● Operating Temperature: 0°C~70°C,
● Interface: SATA 6Gb/s
● Storage Temperature: -40°C~85°C
● Form Factor: 2.5”
● Shock Resistance: 1500G/0.5ms
● MTBF: 2,000,000 hours
● LDPC ECC Engine
● Dimensions (L x W x T): 100.45 x 69.85 x 7mm
● Certifications: RoHS, CE, FCC, BSMI, VCCI
● Weight: 58g
● Warranty: 6 years
Performance
Capacity
ATTO
Seq. Read
(MB/sec)
ATTO
Seq. Write
(MB/sec)
CDM
(QD32)
Seq. Read
(MB/sec)
CDM
(QD32)
Seq. Write
(MB/sec)
AS SSD
Seq.
Read
(MB/sec)
AS SSD
Seq.
Write
(MB/sec)
4K
Random
Read
IOPS
4K
Random
Write
IOPS
TBW
240GB
560
520
560
515
530
490
80K
90K
200TB
480GB
560
530
560
520
530
490
90K
90K
400TB
960GB
560
530
560
520
530
490
90K
85K
800TB
1.92TB
560
525
560
520
520
480
85K
80K
1600TB
*Performance may vary based on SSD capacity, hardware test platform, test software, operating system and other system variables
Schematics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com