Electronic Components Datasheet Search
  English  ▼

X  

HT81009 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT81009
Description  EasyVoice Speech
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81009 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT81009 Datasheet HTML 4Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 5Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 6Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 7Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 8Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 9Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 10Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 11Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HT81R36
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-800.500
1382.800
9
712.200
-1372.000
2
-1071.700
-1175.050
10
1053.500
-1372.000
3
-1066.600
-1372.000
11
1053.500
-1067.650
4
-468.200
-1361.000
12
1043.900
-874.750
5
-193.300
-1371.600
13
941.200
1389.700
6
43.900
-1371.600
14
513.175
1384.300
7
290.900
-1371.700
15
-210.400
1382.800
8
485.000
-1372.000
16
-555.200
1382.800
Pin Description
Pin No.
Pin Name
I/O
Internal Connection
Description
1
I/O2
I/O
NMOS Pull-high
Trigger key 6, active low/NMOS output
2
I/O1
I
NMOS Pull-high
Trigger key 5, active low/NMOS output
3
KEY4
I
Pull-high
Trigger key 4, active low
4
KEY3
I
Pull-high
Trigger key 3, active low
5, 12
VDD
¾¾
Positive power supply
6
OSCI
I
Oscillator Input Pin
Oscillator input pin
7
KEY1
I
Pull-high
Trigger key 1, active low
8
KEY2
I
Pull-high
Trigger key 2, active low
9
OUT3
I/O
Pull-high Input/NMOS
Pull-high/transistor output/NMOS output
10, 14
VSS
¾¾
Negative power supply, ground
11
OUT2
O
CMOS
PWM output
-/CMOS output
13
OUT1
O
CMOS
PWM output +/CMOS output
15, 16
NC
¾¾
No connection - HT81R36 OTP device except
OE, VPP
¾¾
HT81R36 OTP device only
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ..........................
-50°Cto125°C
Input Voltage ............................ VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT81XXX
Rev. 1.40
8
March 1, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com