Electronic Components Datasheet Search
  English  ▼

X  

HT81009 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT81009
Description  EasyVoice Speech
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81009 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT81009 Datasheet HTML 5Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 6Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 7Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 8Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 9Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 10Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 11Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 12Page - Holtek Semiconductor Inc HT81009 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
3V
¾
2.4
3
5
V
IDD
Operating Current
3V
No load
¾
1000
1200
mA
ISTB
Standby Current
3V
OSC stop
¾
13
mA
IOL1
PWM Output Current
3V
VOL=0.2VDD
90
110
¾
mA
IOH1
3V
VOH=0.8VDD
-10
-20
¾
IOL2
I/O2 (TR)
3V
VOL=0.1VDD
13
¾
mA
IOH2
Tr Output Current
3V
VOH=0.9VDD
-1
-2
¾
mA
IOL3
I/O1 (FLAG Sink Current)
3V
VOL=0.1VDD
35
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
RPH
Input Pull-high Resistor
3V
R=50k
W (option)
40
50
60
k
W
R=100k
W (option)
80
100
120
R=200k
W (option)
160
200
240
fOSC
Oscillating Frequency
3V
R=110k
W (fOSC=2MHz)
1.6
2
2.4
MHz
Characteristics Curve
HT81XXX
Rev. 1.40
9
March 1, 2005
2 . 4
2 . 6
2 . 8
3 . 0
3 . 2
3 . 4
3 . 6
3 . 8
4 . 0
4 . 2
4 . 4
4 . 6
4 . 8
5 . 0
V o l t a g e ( V )
3 . 5
3
2 . 5
2
1 . 5
1
0 . 5
0
R = 9 0 k W
R = 1 0 0 k W
R = 1 1 0 k W
R = 1 2 0 k W
R = 1 3 0 k W
R = 1 4 0 k W
V v s F C h a r a c t e r i s t i c s C u r v e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com