Electronic Components Datasheet Search
  English  ▼

X  

HT81012 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT81012
Description  EasyVoice Speech
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81012 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT81012 Datasheet HTML 8Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 9Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 10Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 11Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 12Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 13Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 14Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 15Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
HT81XXX
Rev. 1.40
12
March 1, 2005
· KEY6 as a stop key (by mask option)
When KEY6 functions as a stop key, any voice output
can be stopped by pressing KEY6.
· KEY2~KEY6 as a repeat key
As a repeat key, the sections included can be played
sequentially and repeatedly until other key input is
triggered.
Key Features
· Key priority
When six keys are triggered simultaneously, the out-
put voice is determined by the key priority as shown
below:
KEY1>KEY2>KEY3>KEY4>KEY5>KEY6
· Key debounce time
There are three kinds of key-in debounce time to be
selected by mask option, namely, 1.2ms, 22ms,
45ms. The key debounce time varies with the value of
the system frequency.
· Pull-high resistance
Four kinds of key input pin pull-high resistance can
be selected by mask option, namely, 0k
W, 50kW,
100k
W and 200kW. The resistance may vary with
VDD, temperatures and the chip itself due to pro-
cess variations.
· Trigger mode
The two keys can optioned as one-shot trigger mode
or normal mode.
¨ One shot
When one of the six keys (KEY1~ KEY6) is pressed
momentarily or held down, the group corresponding
to that key will play once.
¨ Normal trigger
When one of the two keys is pressed and held
down, the corresponding group will continue play-
ing. Once the pressed key is released, the group
will not stop until the included sections are all com-
pleted.
FLAG
When voices are playing, both FLAG1 and FLAG2 pins
are activated to output one of the following signals
through code option.
FLAG1 can be optioned as one of the following signal
outputs:
OFF, 3HzB flash, Busy, 6HzB flash, 3hz, 6Hz or End-pulse
output
FLAG2, on the other hand, can be set as one of the fol-
lowing signal outputs:
OFF, 3Hz flash, 6Hz flash, or Busy output.
· 3Hz/3HzB flash
When voices are playing, FLAG1 as well as FLAG2
pin outputs a 3Hz signal to drive a LED. The signal is
active low, 25% duty. Once the voice output is termi-
nated, the FLAG1 and FLAG2 pins become floating
outputs. When the FLAG1 and the FLAG2 pins are
optioned as 3HzB and 3Hz output, they will alternately
output at a 3Hz rate.
G r o u p N
G r o u p N
K E Y N
A U D
G r o u p 1 - N
N p u l s e
G r o u p 1 - M
M p u l s e
K E Y 1
K E Y 2
( S i l e n c e )
A U D
Figure 2. KEY1 Sub-Group Selection
G r o u p N
G r o u p N
G r o u p N
K E Y N
A U D
A U D
F L A G
: F l o a t i n g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com