Electronic Components Datasheet Search
  English  ▼

X  

HT81012 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT81012
Description  EasyVoice Speech
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81012 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT81012 Datasheet HTML 11Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 12Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 13Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 14Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 15Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 16Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 17Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 18Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 19Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
OTP Type
HT81XXX
Rev. 1.40
16
March 1, 2005
H T 8 1 R X X
O S C I
R O S C
V D D
V S S
O U T 1
O U T 2
O U T 3
V D D
0 . 1 m F
8 W
S P K
H T 8 1 R X X
V S S
0 . 1 m F
8 0 5 0
H T 8 1 R X X
V S S
O U T 1
O U T 2
O U T 3
0 . 1 m F
2 0 0 W
H T 8 1 R X X
V S S
0 . 1 m F
K E Y 1
K E Y 2
K E Y 2
K E Y 1
K E Y 3
K E Y 4
K E Y 4
K E Y 3
I / O 1
I / O 2
K E Y 6
K E Y 5
O U T 1
O U T 2
O U T 3
2 0 0 W
8 0 5 0
O U T 1
O U T 2
O U T 3
8 / 1 6 / 3 2 W
S P K
8 W
S P K
8 0 5 0
K E Y 1
K E Y 2
K E Y 2
K E Y 1
K E Y 3
K E Y 4
K E Y 4
K E Y 3
I / O 1
I / O 2
K E Y 5
O S C I
R O S C
K E Y 1
K E Y 2
K E Y 2
K E Y 1
K E Y 3
K E Y 4
K E Y 4
K E Y 3
I / O 1
I / O 2
K E Y 5
K E Y 1
K E Y 2
K E Y 2
K E Y 1
K E Y 3
K E Y 4
K E Y 4
K E Y 3
I / O 1
I / O 2
8 0 5 0
K E Y 6
O S C I
R O S C
8 / 1 6 / 3 2 W
S P K
8 W
S P K
8 / 1 6 / 3 2 W
S P K
8 W
S P K
H T 8 1 R X X
O S C I
R O S C
V S S
O U T 1
O U T 2
O U T 3
0 . 1 m F
8 / 1 6 / 3 2 W
S P K
H T 8 1 R X X
V S S
0 . 1 m F
K E Y 1
K E Y 2
K E Y 2
K E Y 1
K E Y 3
K E Y 4
K E Y 4
K E Y 3
I / O 1
I / O 2
K E Y 6
K E Y 5
O U T 1
O U T 2
O U T 3
8 / 1 6 / 3 2 W
S P K
K E Y 1
K E Y 2
K E Y 2
K E Y 1
K E Y 3
K E Y 4
K E Y 4
K E Y 3
I / O 1
I / O 2
K E Y 5
O S C I
R O S C
V P P
O E
V D D
V D D
V P P
O E
V D D
V D D
V P P
O E
V D D
V D D
V P P
O E
V D D
V D D
V P P
O E
V D D
V D D
V P P
O E
V D D
V D D
V D D
O S C I
R O S C
2 0 0 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com