Electronic Components Datasheet Search
  English  ▼

X  

AD9248 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9248
Description  Dual A/D Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9248 Datasheet HTML 5Page - Analog Devices AD9248 Datasheet HTML 6Page - Analog Devices AD9248 Datasheet HTML 7Page - Analog Devices AD9248 Datasheet HTML 8Page - Analog Devices AD9248 Datasheet HTML 9Page - Analog Devices AD9248 Datasheet HTML 10Page - Analog Devices AD9248 Datasheet HTML 11Page - Analog Devices AD9248 Datasheet HTML 12Page - Analog Devices AD9248 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
AD9248
Rev. B | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limiting values to be applied
individually, and beyond which the serviceability of the circuit
may be impaired. Functional operability is not necessarily implied.
Exposure to absolute maximum rating conditions for an extended
period may affect device reliability.
Table 5.
Parameter
Rating
ELECTRICAL
AVDD to AGND
−0.3 V to +3.9 V
DRVDD to DRGND
−0.3 V to +3.9 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−3.9 V to +3.9 V
Digital Outputs to DRGND
−0.3 V to DRVDD + 0.3 V
OEB, DFS, CLK, DCS, MUX_SELECT,
SHARED_REF to AGND
−0.3 V to AVDD + 0.3 V
VINA, VINB to AGND
−0.3 V to AVDD + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.3 V
SENSE to AGND
−0.3 V to AVDD + 0.3 V
REFB, REFT to AGND
−0.3 V to AVDD + 0.3 V
PDWN to AGND
−0.3 V to AVDD + 0.3 V
ENVIRONMENTAL1
Operating Temperature
−40°C to +85°C
Junction Temperature
150°C
Lead Temperature (10 sec)
300°C
Storage Temperature
−65°C to +150°C
1 Typical thermal impedances: 64-lead LQFP, θJA = 54°C/W; 64-lead LFCSP, θJA
= 26.4°C/W with heat slug soldered to ground plane. These measurements
were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and
characterization testing for industrial temperature range;
100% production tested at temperature extremes for
military devices.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com