Electronic Components Datasheet Search
  English  ▼

X  

AD9248 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9248
Description  Dual A/D Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9248 Datasheet HTML 17Page - Analog Devices AD9248 Datasheet HTML 18Page - Analog Devices AD9248 Datasheet HTML 19Page - Analog Devices AD9248 Datasheet HTML 20Page - Analog Devices AD9248 Datasheet HTML 21Page - Analog Devices AD9248 Datasheet HTML 22Page - Analog Devices AD9248 Datasheet HTML 23Page - Analog Devices AD9248 Datasheet HTML 24Page - Analog Devices AD9248 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
AD9248
Rev. B | Page 20 of 48
DATA FORMAT
The AD9248 data output format can be configured for either
twos complement or offset binary. This is controlled by the data
format select pin (DFS). Connecting DFS to AGND produces
offset binary output data. Conversely, connecting DFS to AVDD
formats the output data as twos complement.
The output data from the dual ADCs can be multiplexed onto a
single 14-bit output bus. The multiplexing is accomplished by
toggling the MUX_SELECT bit, which directs channel data to
the same or opposite channel data port. When MUX_SELECT
is logic high, the Channel A data is directed to the Channel A
output bus, and the Channel B data is directed to the Channel B
output bus. When MUX_SELECT is logic low, the channel data
is reversed, that is, the Channel A data is directed to the
Channel B output bus, and the Channel B data is directed to the
Channel A output bus. By toggling the MUX_SELECT bit,
multiplexed data is available on either of the output data ports.
If the ADCs run with synchronized timing, this same clock can
be applied to the MUX_SELECT pin. Any skew between
CLK_A, CLK_B, and MUX_SELECT can degrade AC
performance. It is recommended to keep the clock skew
<100 pS. After the MUX_SELECT rising edge, either data port
has the data for its respective channel; after the falling edge, the
alternate channel’s data is placed on the bus. Typically, the other
unused bus would be disabled by setting the appropriate OEB
high to reduce power consumption and noise. Figure 34 shows
an example of multiplex mode. When multiplexing data, the
data rate is two times the sample rate. Note that both channels
must remain active in this mode and that each channel’s power-
down pin must remain low.
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD9248. The input range can be adjusted by varying the
reference voltage applied to the AD9248, using either the
internal reference with different external resistor configurations
or an externally applied reference voltage. The input span of the
ADC tracks reference voltage changes linearly. If the ADC is
being driven differentially through a transformer, the reference
voltage can be used to bias the center tap (common-mode
voltage).
The shared reference mode allows the user to connect the
references from the dual ADCs together externally for superior
gain and offset matching performance. If the ADCs are to
function independently, the reference decoupling can be
treated independently and can provide superior isolation
between the dual channels. To enable shared reference mode,
the SHARED_REF pin must be tied high and the external
differential references must be externally shorted. (REFT_A
must be externally shorted to REFT_B, and REFB_A must be
shorted to REFB_B.)
Internal Reference Connection
A comparator within the AD9248 detects the potential at the
SENSE pin and configures the reference into four possible
states, which are summarized in Table 7. If SENSE is grounded,
the reference amplifier switch is connected to the internal
resistor divider (see Figure 35), setting VREF to 1 V.
Connecting the SENSE pin to VREF switches the reference
amplifier output to the SENSE pin, completing the loop and
providing a 0.5 V reference output. If a resistor divider is
connected, as shown in Figure 36, the switch is again set to the
SENSE pin. This puts the reference amplifier in a noninverting
mode with the VREF output defined as
VREF = 0.5 × (1 + R2/R1)
In all reference configurations, REFT and REFB drive the ADC
core and establish its input span. The input range of the ADC
always equals twice the voltage at the reference pin for either an
internal or an external reference.
VIN+
VIN–
10
μF
10
μF
0.1
μF
0.1
μF
REFT
ADC
CORE
SELECT
LOGIC
SENSE
0.1
μF
0.5V
AD9248
REFB
0.1
μF
VREF
Figure 35. Internal Reference Configuration
Table 7. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting Differential Span (V p-p)
External Reference
AVDD
N/A
2 × External Reference
Internal Fixed Reference
VREF
0.5
1.0
Programmable Reference
0.2 V to VREF
0.5 × (1 + R2/R1)
2 × VREF (See Figure 36)
Internal Fixed Reference
AGND to 0.2 V
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com