Electronic Components Datasheet Search
  English  ▼

X  

AD9444 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9444
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9444 Datasheet HTML 5Page - Analog Devices AD9444 Datasheet HTML 6Page - Analog Devices AD9444 Datasheet HTML 7Page - Analog Devices AD9444 Datasheet HTML 8Page - Analog Devices AD9444 Datasheet HTML 9Page - Analog Devices AD9444 Datasheet HTML 10Page - Analog Devices AD9444 Datasheet HTML 11Page - Analog Devices AD9444 Datasheet HTML 12Page - Analog Devices AD9444 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AD9444
Rev. 0 | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect to
Min
Max
Unit
ELECTRICAL
AVDD1
AGND
−0.3
+4
V
AVDD2
AGND
−0.3
+6
V
DRVDD
DGND
−0.3
+4
V
AGND
DGND
−0.3
+0.3
V
AVDD1
DRVDD
−4
+4
V
AVDD2
DRVDD
−4
+6
V
AVDD2
AVDD1
−4
+6
V
D0 to D13
DGND
–0.3
DRVDD + 0.3
V
CLK, MODE
AGND
–0.3
AVDD1 + 0.3
V
VIN+, VIN−
AGND
–0.3
AVDD2 + 0.3
V
VREF
AGND
–0.3
AVDD1 + 0.3
V
SENSE
AGND
–0.3
AVDD1 + 0.3
V
REFT, REFB
AGND
–0.3
AVDD1 + 0.3
V
ENVIRONMENTAL
Storage Temperature
–65
+125
°C
Operating Temperature Range
–40
+85
°C
Lead Temperature Range
(Soldering 10 sec)
300
°C
Junction Temperature
150
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Thermal Resistance
The heat sink of the AD9444 package must be soldered to
ground.
Table 6.
Package Type
θJA
θJB
θJC
Unit
100-Lead TQFP/EP
19.8
8.3
2
°C/W
Typical θJA = 19.8°C/W (heat-sink soldered) for multilayer
board in still air.
Typical θJB = 8.3°C/W (heat-sink soldered) for multilayer board
in still air.
Typical θJC = 2°C/W (junction to exposed heat sink) represents
the thermal resistance through heat-sink path.
Airflow increases heat dissipation effectively reducing θJA. Also,
more metal directly in contact with the package leads, from
metal traces, through holes, ground, and power planes, reduces
the θJA. It is required that the exposed heat sink be soldered to
the ground plane.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features proprie-
tary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com