Electronic Components Datasheet Search
  English  ▼

X  

AD9444 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9444
Description  14-Bit, 80 MSPS, A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9444 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9444 Datasheet HTML 17Page - Analog Devices AD9444 Datasheet HTML 18Page - Analog Devices AD9444 Datasheet HTML 19Page - Analog Devices AD9444 Datasheet HTML 20Page - Analog Devices AD9444 Datasheet HTML 21Page - Analog Devices AD9444 Datasheet HTML 22Page - Analog Devices AD9444 Datasheet HTML 23Page - Analog Devices AD9444 Datasheet HTML 24Page - Analog Devices AD9444 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9444
Rev. 0 | Page 20 of 40
THEORY OF OPERATION
The AD9444 architecture is optimized for high speed and ease
of use. The analog inputs drive an integrated, high bandwidth,
track-and-hold circuit that samples the signal prior to quantiza-
tion by the 14-bit pipeline ADC core. The device includes an
on-board reference and input logic that accepts TTL, CMOS, or
LVPECL levels. The digital output logic levels are user selectable
as standard 3 V CMOS or LVDS (ANSI-644 compatible) via the
OUTPUT MODE pin.
ANALOG INPUT AND REFERENCE OVERVIEW
A stable and accurate 0.5 V voltage reference is built into the
AD9444. The input range can be adjusted by varying the refer-
ence voltage applied to the AD9444, using either the internal
reference or an externally applied reference voltage. The input
span of the ADC tracks reference voltage changes linearly. The
various reference modes are described in the next few sections.
Internal Reference Connection
A comparator within the AD9444 detects the potential at the
SENSE pin and configures the reference into four possible
states, which are summarized in Table 9. If SENSE is grounded,
the reference amplifier switch is connected to the internal resis-
tor divider (see Figure 40), setting VREF to ~1 V. Connecting
the SENSE pin to VREF switches the reference amplifier output
to the SENSE pin, completing the loop and providing a ~0.5 V
reference output. If a resistor divider is connected, as shown in
Figure 41, the switch again sets to the SENSE pin. This puts the
reference amplifier in a noninverting mode with the VREF
output defined as
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
VREF
1
0.5
In all reference configurations, REFT and REFB drive the A/D
conversion core and establish its input span. The input range of
the ADC always equals twice the voltage at the reference pin for
either an internal or an external reference.
Internal Reference Trim
The internal reference voltage is trimmed during the produc-
tion test to adjust the gain (analog input voltage range) of the
AD9444. Therefore, there is little advantage to the user supply-
ing an external voltage reference to the AD9444. The gain trim
is performed with the AD9444’s input range set to 2 V p-p
nominal (SENSE connected to AGND). Because of this trim,
and because the 2 V p-p analog input range provides maximum
ac performance, there is little benefit to using analog input
ranges < 2 V p-p. Users are cautioned that the differential
nonlinearity of the ADC varies with the reference voltage.
Configurations that use < 2 V p-p may exhibit missing codes
and, therefore, degraded noise and distortion performance.
10
µF
+
0.1
µF
VREF
SENSE
0.5V
AD9444
VIN–
VIN+
REFT
0.1
µF
0.1
µF
10
µF
0.1
µF
REFB
SELECT
LOGIC
ADC
CORE
+
Figure 40. Internal Reference Configuration
10
µF
+
0.1
µF
VREF
SENSE
R2
R1
0.5V
AD9444
VIN–
VIN+
REFT
0.1
µF
0.1
µF
10
µF
0.1
µF
REFB
SELECT
LOGIC
ADC
CORE
+
Figure 41. Programmable Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com