Electronic Components Datasheet Search
  English  ▼

X  

HAL506K Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # HAL506K
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL506K Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button HAL506K Datasheet HTML 22Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 23Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 24Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 25Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 26Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 27Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 28Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 29Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
HAL508
26
Micronas
4.7. HAL 508
The HAL 508 is a unipolar switching sensor (see
Fig. 4–25).
The output turns low with the magnetic south pole on the
branded side of the package and turns high if the mag-
netic field is removed. The sensor does not respond to
the magnetic north pole on the branded side.
For correct functioning in the application, the sensor re-
quires only the magnetic south pole on the branded side
of the package.
In the HAL 5xx family, the HAL 518 is a sensor with the
same magnetic characteristics but with an inverted out-
put characteristic.
Magnetic Features:
– switching type: unipolar
– medium sensitivity
– typical BON: 18 mT at room temperature
– typical BOFF: 16 mT at room temperature
– operates with static magnetic fields and dynamic mag-
netic fields up to 10 kHz
– typical temperature coefficient of magnetic switching
points is –1000 ppm/K
Applications
The HAL 508 is the optimal sensor for applications with
one magnetic polarity such as:
– solid state switches,
– contactless solution to replace micro switches,
– position and end point detection, and
– rotating speed measurement.
BHYS
Output Voltage
0BOFF
BON
VOL
VO
B
Fig. 4–25: Definition of magnetic switching points for
the HAL 508
Magnetic Characteristics at TJ = –40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
–40
°C
15.5
19
21.9
14
16.7
20
1.6
2.3
2.8
17.8
mT
25
°C
15
18
20.7
13.5
16
19
1.5
2
2.7
14
17
20
mT
100
°C
13.9
16.6
20.4
12.5
14.8
18.7
1.2
1.8
2.6
15.7
mT
140
°C
13.2
15.8
20.2
11.9
14.1
18.5
1.1
1.7
2.6
15
mT
170
°C
12.7
15.3
20
11.4
13.6
18.3
1
1.7
2.6
14.4
mT
The hysteresis is the difference between the switching points BHYS = BON – BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com