Electronic Components Datasheet Search
  English  ▼

X  

HAL506K Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HAL506K
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL506K Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HAL506K Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 13Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 14Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 15Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 16Page - List of Unclassifed Manufacturers HAL506K Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HAL5xx
13
Micronas
–50
0
50
100
150
200
°C
µA
TA
IOH
VOH = 24 V
VOH = 3.8 V
10–5
10–4
10–3
10–2
10–1
100
101
102
HAL 5xx
Fig. 3–14: Typical output leakage current
versus ambient temperature
–30
–20
–10
0
10
20
30
0.01
0.10
1.00
10.00 100.00 1000.00
dB
µA
f
IDD
VDD = 12 V
TA = 25 °C
Quasi-Peak-
Measurement
HAL 5xx
max. spurious
signals
1
10
100
1000 MHz
Fig. 3–15: Typ. spectrum of supply current
0
10
20
30
40
50
60
70
80
0.01
0.10
1.00
10.00 100.00 1000.00
dB
µV
f
VDD
VP = 12 V
TA = 25 °C
Quasi-Peak-
Measurement
test circuit 2
HAL 5xx
max. spurious
signals
1
10
100
1000 MHz
Fig. 3–16: Typ. spectrum at supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com