Electronic Components Datasheet Search
  English  ▼

X  

INA152 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA152 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button INA152 Datasheet HTML 3Page - Burr-Brown (TI) INA152 Datasheet HTML 4Page - Burr-Brown (TI) INA152 Datasheet HTML 5Page - Burr-Brown (TI) INA152 Datasheet HTML 6Page - Burr-Brown (TI) INA152 Datasheet HTML 7Page - Burr-Brown (TI) INA152 Datasheet HTML 8Page - Burr-Brown (TI) INA152 Datasheet HTML 9Page - Burr-Brown (TI) INA152 Datasheet HTML 10Page - Burr-Brown (TI) INA152 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
INA152
7
SBOS184
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±10V, RL = 10kΩ connected to GND, and Ref = GND, unless otherwise noted.
OFFSET VOLTAGE DRIFT
40
35
30
25
20
15
10
5
0
Offset Voltage Drift (
µV/°C)
V
S = ±10V
12
3
4
5
6
7
8
9
10
OFFSET VOLTAGE DRIFT
40
35
30
25
20
15
10
5
0
Offset Voltage Drift (
µV/°C)
V
S = ±2.5V
12
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com