Electronic Components Datasheet Search
  English  ▼

X  

INA152 Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA152 Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button INA152 Datasheet HTML 7Page - Burr-Brown (TI) INA152 Datasheet HTML 8Page - Burr-Brown (TI) INA152 Datasheet HTML 9Page - Burr-Brown (TI) INA152 Datasheet HTML 10Page - Burr-Brown (TI) INA152 Datasheet HTML 11Page - Burr-Brown (TI) INA152 Datasheet HTML 12Page - Burr-Brown (TI) INA152 Datasheet HTML 13Page - Burr-Brown (TI) INA152 Datasheet HTML 14Page - Burr-Brown (TI) INA152 Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
INA152
13
SBOS184
FIGURE 23. High Output Current Precision Difference
Amplifier.
FIGURE 20. Differential Input Data Acquisition.
FIGURE 21. Digitally Controlled Gain of
±1 Amplifier.
FIGURE 22. Precision Absolute Value Buffer.
5
6
1
INA152
ADS7806
2
3
4
7
+5V
V
S
12 Bits
Out
0V-4V
Input
Transducer
or
Analog
Signal
–5V
Eliminates errors due to different grounds.
5
6
3
1
INA152
2
1
V
O
DG188
V
1
Logic
In
Logic In
0
1
V
O
–V
1
+V
1
V
1
Input
5
6
3
1
V
0 = |V1|
INA152
2
R
4
R
3
R
1
R
2
OPA130
10pF
D
1
D
2
R
5
2k
Ω
5
6
1
INA152
BUF634
2
3
V
O
R
L
–In
+In
BUF634 inside feedback
loop contributes no error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com