Electronic Components Datasheet Search
  English  ▼

X  

IR2132S Datasheet(PDF) 4 Page - International Rectifier

Part # IR2132S
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132S Datasheet(HTML) 4 Page - International Rectifier

  IR2132S Datasheet HTML 1Page - International Rectifier IR2132S Datasheet HTML 2Page - International Rectifier IR2132S Datasheet HTML 3Page - International Rectifier IR2132S Datasheet HTML 4Page - International Rectifier IR2132S Datasheet HTML 5Page - International Rectifier IR2132S Datasheet HTML 6Page - International Rectifier IR2132S Datasheet HTML 7Page - International Rectifier IR2132S Datasheet HTML 8Page - International Rectifier IR2132S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
4
www.irf.com
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
IO+
Output High Short Circuit Pulsed Current
38
200
250
—
VO = 0V, VIN = 0V
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
39
420
500
—
VO = 15V, VIN = 5V
PW
≤ 10 µs
VOS
Operational Amplifer Input Offset Voltage
40
—
—
30
mV
VS0 = VCA- = 0.2V
ICA-
CA- Input Bais Current
41
—
—
4.0
nA
VCA- = 2.5V
CMRR
Op. Amp. Common Mode Rejection Ratio
42
60
80
—
VS0=VCA-=0.1V & 5V
PSRR
Op. Amp. Power Supply Rejection Ratio
43
55
75
—
VS0 = VCA- = 0.2V
VCC = 10V & 20V
VOH,AMP
Op. Amp. High Level Output Voltage
44
5.0
5.2
5.4
V
VCA- = 0V, VS0 = 1V
VOL,AMP
Op. Amp. Low Level Output Voltage
45
—
—
20
mV
VCA- = 1V, VS0 = 0V
ISRC,AMP
Op. Amp. Output Source Current
46
2.3
4.0
—
VCA- = 0V, VS0 = 1V
VCAO = 4V
ISRC,AMP
Op. Amp. Output Sink Current
47
1.0
2.1
—
VCA- = 1V, VS0 = 0V
VCAO = 2V
IO+,AMP
Operational Amplifier Output High Short
48
—
4.5
6.5
VCA- = 0V, VS0 = 5V
Circuit Current
VCAO = 0V
IO-,AMP
Operational Amplifier Output Low Short
49
—
3.2
5.2
VCA- = 5V, VS0 = 0V
Circuit Current
VCAO = 5V
Static Electrical Characteristics -- Continued
VBIAS (VCC, VBS1,2,3) = 15V, VS0,1,2,3 = VSS and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3 . The VO and IO parameters
are referenced to VS0,1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
mA
mA
Lead Assignments
28 Lead PDIP
44 Lead PLCC w/o 12 Leads
28 Lead SOIC (Wide Body)
IR2130 / IR2132
IR2130J / IR2132J
IR2130S / IR2132S
Part Number
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com