Electronic Components Datasheet Search
  English  ▼

X  

IR2132S Datasheet(PDF) 2 Page - International Rectifier

Part # IR2132S
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132S Datasheet(HTML) 2 Page - International Rectifier

  IR2132S Datasheet HTML 1Page - International Rectifier IR2132S Datasheet HTML 2Page - International Rectifier IR2132S Datasheet HTML 3Page - International Rectifier IR2132S Datasheet HTML 4Page - International Rectifier IR2132S Datasheet HTML 5Page - International Rectifier IR2132S Datasheet HTML 6Page - International Rectifier IR2132S Datasheet HTML 7Page - International Rectifier IR2132S Datasheet HTML 8Page - International Rectifier IR2132S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
2
www.irf.com
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High Side Floating Supply Voltage
-0.3
625
VS1,2,3
High Side Floating Offset Voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VHO1,2,3
High Side Floating Output Voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low Side and Logic Fixed Supply Voltage
-0.3
25
VSS
Logic Ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low Side Output Voltage
-0.3
VCC + 0.3
VIN
Logic Input Voltage (HIN1,2,3 , LIN1,2,3 & ITRIP)
VSS - 0.3
(VSS + 15) or
(VCC + 0.3)
whichever is
lower
VFLT
FAULT Output Voltage
VSS - 0.3
VCC + 0.3
VCAO
Operational Amplifier Output Voltage
VSS - 0.3
VCC + 0.3
VCA-
Operational Amplifier Inverting Input Voltage
VSS - 0.3
VCC + 0.3
dVS/dt
Allowable Offset Supply Voltage Transient
—
50
V/ns
PD
Package Power Dissipation @ TA
≤ +25°C
(28 Lead DIP)
—
1.5
(28 Lead SOIC)
—
1.6
W
(44 Lead PLCC)
—
2.0
RthJA
Thermal Resistance, Junction to Ambient
(28 Lead DIP)
—
83
(28 Lead SOIC)
—
78
°C/W
(44 Lead PLCC)
—
63
TJ
Junction Temperature
—
150
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to VS0. The Thermal Resistance and Power Dissipation ratings are measured
under board mounted and still air conditions. Additional information is shown in Figures 50 through 53.
Note 1: Logic operational for VS of (VS0 - 5V) to (VS0 + 600V). Logic state held for VS of (VS0 - 5V) to (VS0 - VBS).
(Please refer to the Design Tip DT97-3 for more details).
Note 2: All input pins, CA- and CAO pins are internally clamped with a 5.2V zener diode.
V
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High Side Floating Supply Voltage
VS1,2,3 + 10
VS1,2,3 + 20
VS1,2,3
High Side Floating Offset Voltage
Note 1
600
VHO1,2,3
High Side Floating Output Voltage
VS1,2,3
VB1,2,3
VCC
Low Side and Logic Fixed Supply Voltage
10
20
VSS
Logic Ground
-5
5
VLO1,2,3
Low Side Output Voltage
0
VCC
VIN
Logic Input Voltage (HIN1,2,3 , LIN1,2,3 & ITRIP)
VSS
VSS + 5
VFLT
FAULT Output Voltage
VSS
VCC
VCAO
Operational Amplifier Output Voltage
VSS
VSS + 5
VCA-
Operational Amplifier Inverting Input Voltage
VSS
VSS + 5
TA
Ambient Temperature
-40
125
°C
V
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltages referenced to VS0. The VS offset rating is tested
with all supplies biased at 15V differential. Typical ratings at other bias conditions are shown in Figure 54.
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com