Electronic Components Datasheet Search
  English  ▼

X  

IRHM4150 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHM4150
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM4150 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRHM4150 Datasheet HTML 2Page - International Rectifier IRHM4150 Datasheet HTML 3Page - International Rectifier IRHM4150 Datasheet HTML 4Page - International Rectifier IRHM4150 Datasheet HTML 5Page - International Rectifier IRHM4150 Datasheet HTML 6Page - International Rectifier IRHM4150 Datasheet HTML 7Page - International Rectifier IRHM4150 Datasheet HTML 8Page - International Rectifier IRHM4150 Datasheet HTML 9Page - International Rectifier IRHM4150 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.irf.com
IRHM7150
IRHM7150
IRHM7150
IRHM7150
IRHM7150
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Post-Irradiation
Post-Irradiation
Post-Irradiation
Post-Irradiation
Post-Irradiation
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Radiation Characteristics
Fig 10.
Fig 10.
Fig 10.
Fig 10.
Fig 10. Typical Output Characteristics
Post-Irradiation 100K Rads (Si)
Fig 9.
Fig 9.
Fig 9.
Fig 9.
Fig 9. Typical Output Characteristics
Pre-Irradiation
Fig 11.
Fig 11.
Fig 11.
Fig 11.
Fig 11. Typical Output Characteristics
Post-Irradiation 300K Rads (Si)
Fig 12.
Fig 12.
Fig 12.
Fig 12.
Fig 12. Typical Output Characteristics
Post-Irradiation 1 Mega Rads(Si)
Note: Bias Conditions during radiation: V/5 = 12 Vdc, V,5 = 0 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com