Electronic Components Datasheet Search
  English  ▼

X  

6039093 Datasheet(PDF) 4 Page - SICK AG

Part # 6039093
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6039093 Datasheet(HTML) 4 Page - SICK AG

  6039093 Datasheet HTML 1Page - SICK AG 6039093 Datasheet HTML 2Page - SICK AG 6039093 Datasheet HTML 3Page - SICK AG 6039093 Datasheet HTML 4Page - SICK AG 6039093 Datasheet HTML 5Page - SICK AG 6039093 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL180T-P432 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Ambient operating temperature
–25 °C ... +55 °C
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH2.E300503 & NRKH8.E300503
1) +- 10%.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Selectable.
5) Do not bend below 0 °C.
6) A = VS connections reverse-polarity protected.
7) B = inputs and output reverse-polarity protected.
8) C = interference suppression.
9) D = outputs overcurrent and short-circuit protected.
10) With correctly attached fibre-optic cable LL3 and closed protection hood.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Adjustments possible
WLL180T
–
+
MODE
TEACH
OUT
7
8
9 ß
3
à
á
③  Locking the fiber-optic cables
⑦  LED indicator orange, lights up when switching output is active
⑧  Numeric display 2 x 4-digit; green: switching threshold, operating mode; red: actual value, Teach-in and function parameter
⑨  Step pushbutton > (manual switching threshold: higher/next function parameter)
⑩  Step pushbutton < (manual switching threshold: lower/previous function parameter)
⑪  Mode/Enter-button
⑫  Teach-in button
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-04-06 17:11:29
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com