Electronic Components Datasheet Search
  English  ▼

X  

6039093 Datasheet(PDF) 5 Page - SICK AG

Part # 6039093
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6039093 Datasheet(HTML) 5 Page - SICK AG

  6039093 Datasheet HTML 1Page - SICK AG 6039093 Datasheet HTML 2Page - SICK AG 6039093 Datasheet HTML 3Page - SICK AG 6039093 Datasheet HTML 4Page - SICK AG 6039093 Datasheet HTML 5Page - SICK AG 6039093 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
WLL180T-P432 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Connection diagram
Cd-136
+ (L+)
- (M)
Q
brn
blu
blk
Ext. Input
wht
Dimensional drawing (Dimensions in mm (inch))
Stand-alone
12.2
(0.48)
37.3 (1.47)
3
(0.12)
68.9 (2.71)
3.6
(0.14)
3.6
(0.14)
~ 180°
Ø 4.2
(0.17)
18.8
(0.74)
27.8 (1.09)
10
(0.39)
7
(0.27)
55.4 (2.18)
1
2
3
4
4
5
10.5
(0.41)
①  Sender LED, installation of LL3 fibre-optic cable (sender fibre)
②  Receiver, installation of LL3 fibre optic cable (receiver fibre)
③  Protective hood opens approx. 180°
④  Connection
⑤  Mounting bracket, included with delivery
Recommended accessories
Other models and accessories
www.sick.com/WLL180T
Brief description
Type
Part no.
Mounting brackets and plates
BEF-WLL170
5306574
Mounting bracket, steel, zinc coated, without mounting hardware
BEF-WLL180
5325812
Other mounting accessories
Rail end piece for block mounting, Stainless steel, mounting hardware included
BF-EB01-W190
5313011
Cutter for fibers, supplied with LL3
FC
5304141
2017-04-06 17:11:29 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com