Electronic Components Datasheet Search
  English  ▼

X  

IRLR8203 Datasheet(PDF) 10 Page - International Rectifier

Part # IRLR8203
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8203 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR8203 Datasheet HTML 2Page - International Rectifier IRLR8203 Datasheet HTML 3Page - International Rectifier IRLR8203 Datasheet HTML 4Page - International Rectifier IRLR8203 Datasheet HTML 5Page - International Rectifier IRLR8203 Datasheet HTML 6Page - International Rectifier IRLR8203 Datasheet HTML 7Page - International Rectifier IRLR8203 Datasheet HTML 8Page - International Rectifier IRLR8203 Datasheet HTML 9Page - International Rectifier IRLR8203 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLR/U8203
10
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting T
J = 25°C, L = 0.68mH
RG = 25Ω, IAS = 30A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
TR
16.3 ( .641 )
15.7 ( .619 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12.1 ( .476 )
11.9 ( .469 )
F E E D DIRE CT IO N
F E E D DIR E CT IO N
16.3 ( .641 )
15.7 ( .619 )
TR R
TR L
NO T ES :
1 . CO NT RO L L ING DIM EN S IO N : M IL L IM ET E R.
2. ALL D IM EN SIO N S AR E SH O W N IN M ILLIM ET E R S ( IN C H E S ).
3 . O U T L IN E C O N F O R M S T O EIA-4 81 & EIA-54 1 .
NO T ES :
1. O U T L IN E C O N F O R M S T O E IA-481.
16 m m
13 IN C H
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.03/02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com