Electronic Components Datasheet Search
  English  ▼

X  

65C256 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 65C256
Description  32K x 8 LOW POWER CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

65C256 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  65C256 Datasheet HTML 1Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 2Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 3Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 4Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 5Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 6Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 7Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 8Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. A
03/24/04
IS65C256
ISSI®
OPERATING RANGE
Range
Ambient Temperature
VDD
A1
–40°C to +85°C
5V ± 10%
A2
–40°C to +105°C
5V ± 10%
A3
–40°C to +125°C
5V ± 10%
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –1.0 mA
2.4
—
V
VOL
Output LOW Voltage
VDD = Min., IOL = 2.1 mA
—
0.4
V
VIH
Input HIGH Voltage
2.2
VDD + 0.5
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
–10
10
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VDD,
–10
10
µA
Outputs Disabled
Note:
1. VIL = –3.0V for pulse width less than 10 ns.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-20 ns
Symbol
Parameter
Test Conditions
Min.
typ(2) Max.
Unit
ICC1
VDD Operating
VDD = Max.,
CS = VIL
A1
—
40
mA
Supply Current
IOUT = 0 mA, f = 0
A2
—
50
A3
—
60
ICC2
VDD Dynamic Operating
VDD = Max.,
CS = VIL
A1
—
25
95
mA
Supply Current
IOUT = 0 mA, f = fMAX
A2
—
25
105
A3
—
25
115
ISB1
TTL Standby Current
VDD = Max.,
A1
—
5
mA
(TTL Inputs)
VIN = VIH or VIL
A2
—
10
CS = VIH, f = 0
A3
—
10
ISB2
CMOS Standby
VDD = Max.,
A1
—
0.5
mA
Current (CMOS Inputs)
CS
≥ VDD – 0.2V,
A2
—
1.0
VIN
≥ VDD – 0.2V, or
A3
—
1.5
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 5V, TA = 25oC, tAA = 70 ns, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com