Electronic Components Datasheet Search
  English  ▼

X  

65C256 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 65C256
Description  32K x 8 LOW POWER CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

65C256 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  65C256 Datasheet HTML 1Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 2Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 3Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 4Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 5Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 6Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 7Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 8Page - List of Unclassifed Manufacturers 65C256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. A
03/24/04
IS65C256
ISSI®
Copyright © 2004 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
FUNCTIONAL BLOCK DIAGRAM
32K x 8 LOW POWER CMOS
STATIC RAM
FEATURES
• High-speed access time: 20 ns
• Low active power: 200 mW (typical)
• Low standby power:
250 µW (typical) CMOS standby
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V power supply
• Temperature Offerings:
Option A1: –40oC to +85oC
Option A2: –40oC to +105oC
Option A3: –40oC to +125oC
MARCH 2004
DESCRIPTION
The
ISSI IS65C256 is a low power, 32,768 word by 8-bit
CMOS static RAM. It is fabricated using
ISSI's high-
performance, low power CMOS technology.
When CS is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down to 250 µW (typical) at CMOS input levels.
Easy memory expansion is provided by using an active
LOW Chip Select (CS) input and an active LOW Output
Enable (OE) input. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IS65C256 is Packaged in the JEDEC Standard 28-Pin
SOP and 28-Pin TSOP (Type I).
A0-A14
CS
OE
WE
32K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7


Similar Part No. - 65C256

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
65C RENESAS-65C Datasheet
891Kb / 112P
televisions, household appliances, office equipment, communication devices
logo
Elma Electronic Ltd
65C308-15216-40 ELMA-65C308-15216-40 Datasheet
1Mb / 2P
3U 8-Slot OpenVPX Backplane
logo
Infineon Technologies A...
65C6099 INFINEON-65C6099 Datasheet
3Mb / 20P
CoolMOS??C6 Power Transistor
2011-12-14 revision:2.0
65C6190 INFINEON-65C6190 Datasheet
2Mb / 19P
Extremely low losses due to very low FOM Rdson*Qg and Eoss
Rev. 2.0, 2011-05-09
65C6280 INFINEON-65C6280 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
More results

Similar Description - 65C256

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM???
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
LOW POWER 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
32K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com