Electronic Components Datasheet Search
  English  ▼

X  

FPE200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FPE200
Description  RF Power Plate Capacitors for Higher Voltages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FPE200 Datasheet(HTML) 1 Page - Vishay Siliconix

  FPE200 Datasheet HTML 1Page - Vishay Siliconix FPE200 Datasheet HTML 2Page - Vishay Siliconix FPE200 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FPE 200, FPE 210
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
1
Document Number: 22128
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Plate Capacitors for Higher Voltages
Class 1 Ceramic
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Flexible connection terminals copper / brass, silver plated,
to allow for series and parallel interconnection.
MARKING
Type designator, capacitance value and tolerance, rated RF
voltage (peak value), ceramic material
code, production
date code, manufacturer logo.
FINISH
Noble metal electrodes and terminals protective lacquered.
The contoured insulating rim is additionally glazed.
FEATURES
• Low losses
• High reliability
• High voltage ratings
APPLICATIONS
These high technology are designed for usage in high
frequency heating and welding equipment where high
voltage ratings are required.
CAPACITANCE RANGE
1000 pF to 1500 pF
CAPACITANCE TOLERANCE
± 20 %, ± 10 %
CERAMIC DIELECTRIC
R85 (TCC - 750 ppm/K)
RATED VOLTAGE
30 kVp (= RF peak voltage + DC voltage)
DIELECTRIC STRENGTH TEST
50 000 VDC, 5 minutes
30 000 VAC, 50 Hz, 5 minutes
DISSIPATION FACTOR
Max. 0.05 %
Measuring frequencies:
300 kHz or 100 kHz
INSULATION RESISTANCE
Min. 10 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R85
Type
FPE 200
FPE 210
Voltage (Vp)
30 000
Min. Capacitance (pF)
1000
1500
Max. Capacitance (pF)
1000
1500
Mounting
Screw terminal


Similar Part No. - FPE200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FPE210 VISHAY-FPE210 Datasheet
74Kb / 2P
Plate Capacitors with Moisture Protection Plate Capacitors for Higher Voltages
09-Feb-06
More results

Similar Description - FPE200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PEF220 VISHAY-PEF220 Datasheet
74Kb / 2P
Plate Capacitors with Moisture Protection Plate Capacitors for Higher Voltages
09-Feb-06
PEZ140 VISHAY-PEZ140 Datasheet
70Kb / 2P
Plate Capacitors for Higher Voltages
14-Aug-02
FPZ140 VISHAY-FPZ140 Datasheet
70Kb / 2P
Plate Capacitors for Higher Voltages
14-Aug-02
FPZ140 VISHAY-FPZ140_13 Datasheet
82Kb / 3P
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
01-Mar-13
PEF220 VISHAY-PEF220_16 Datasheet
104Kb / 7P
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
29-Feb-16
TOSZ114096 VISHAY-TOSZ114096_15 Datasheet
74Kb / 3P
RF Power Barrel Capacitors for Higher Voltages Class 1 Ceramic
11-Sep-15
logo
WAGO Kontakttechnik Gmb...
706-3057-202-100 WAGO-706-3057-202-100 Datasheet
140Kb / 3P
System cable; for Schneider TSX; 8 digital outputs for higher voltages
23.11.2021
706-5030-100-100 WAGO-706-5030-100-100 Datasheet
143Kb / 3P
System cable; for Gefanuc 9030; 16 digital inputs for higher voltages
23.11.2021
706-5030-100-200 WAGO-706-5030-100-200 Datasheet
143Kb / 3P
System cable; for Gefanuc 9030; 16 digital inputs for higher voltages;
23.11.2021
706-5030-100-300 WAGO-706-5030-100-300 Datasheet
143Kb / 3P
System cable; for Gefanuc 9030; 16 digital inputs for higher voltages
23.11.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com