Electronic Components Datasheet Search
  English  ▼

X  

FPE200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FPE200
Description  RF Power Plate Capacitors for Higher Voltages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FPE200 Datasheet(HTML) 2 Page - Vishay Siliconix

  FPE200 Datasheet HTML 1Page - Vishay Siliconix FPE200 Datasheet HTML 2Page - Vishay Siliconix FPE200 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FPE 200, FPE 210
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
2
Document Number: 22128
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36
(1) Rated voltage = RF peak value + DC voltage when min. 80 % UDC
(2) The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUE
(pF)
RATED
VOLTAGE (1)
(kVp)
RATED
POWER (2)
(kvar)
RATED
CURRENT
(ARMS)
FPE200WV102##BJ1
R85
1000
30
160
60
FPE210WV152##BJ1
1500
90
90
DIMENSIONS in millimeters (inches)
DERATING DIAGRAMS
FPE200WV102##BJ1
FPE210WV152##BJ1
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
32.5 (1.28)
FPE 200: 73 ± 2 (2.87 ± 0.08)
FPE 210: 56 ± 1 (2.21 ± 0.04)
M10 thread
1
10
100
1000
0.1
1
10
100
I
g (ARMS)
Q
g (kvar)
Ug (kV
p)
0.001
0.01
0.1
1
10
100
1000
U
g
Q
g
I
g
Frequency (MHz)
3.58 MHz
0.06 MHz
1
10
100
1000
0.1
1
10
100
0.001
0.01
0.1
1
10
100
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
Frequency (MHz)
U
g
Q
g
I
g
9.54 MHz
0.02 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com