Electronic Components Datasheet Search
  English  ▼

X  

FE05CAD Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # FE05CAD
Description  Dual Channel ESD protection diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FE05CAD Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  FE05CAD Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FE05CAD Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FE05CAD Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FE05CAD Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Futurewafer Technology Co., Ltd
Tape&Reel information
Futurewafer Technology Co., Ltd 台灣未來芯航電股份有限公司
Tel :+886-3-3573583 / Fax :+886-3-3574065
Futurewafer.com.tw
桃園市桃園區中正路
987 巷 50 弄 2 號
FE05CAD
Dual Channel ESD protection diode
E1612EH1-STD-A
Package Type
A
B
C
d
E
F
P0
P
P1
W
SOT23
MTF(8mm)
3.15
±0.1
2.77
±0.1
1.22
±0.1
Φ1.50
±0.1
1.75
±0.1
3.50
±0.1
4.00
±0.1
4.00
±0.1
2.00
±0.1
8.00
±0.3
Dimensions are inches and millimters
Tape Size Reel Option Dim A
Dim B
Dim C
Dim D
Dim N
Dim w1
Dim w2
Dim w3
8.0mm
7” dia
7.00
177.8
0.0906
2.3
0.519±0.012
13.2±0.3
0.921
23.4
2.141
54.4
0.331+0.059
8.4+1.5
0.421
10.7
0.311~0.448
7.9~11.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com