Electronic Components Datasheet Search
  English  ▼

X  

FE05CAD Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FE05CAD
Description  Dual Channel ESD protection diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FE05CAD Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FE05CAD Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FE05CAD Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FE05CAD Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FE05CAD Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FE05CAD
Dual Channel ESD protection diode
Feature
●
120 watts peak pulse power(tp=8/20us)
●
ESD Protection:Level 4
●
Low clamping voltage
●
Surge=8A@tp=8/20us
SOT-23-3L
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):Level 4,Contact:±30kv,Air::±30kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):8A,8/20us
Mechanical Characteristics
●
Molded JEDEC Sot-23
●
The Futurewafer® device will
meet IEC61000-4-2(ESD)
●
Flammability rating UL 94V-0
●
Pb free
Device Characteristics
Maximum Ratings@25°C unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
120
Watts
Operating Temperature
TJ
-55~150
°
C
Storage Temperature
TSTG
-55~150
°
C
Applications
●
Data Line protection
●
Security systems
●
Handset
Futurewafer Technology Co., Ltd
E1612EH1-STD-A


Similar Part No. - FE05CAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE0501 ETC1-FE0501 Datasheet
524Kb / 13P
Elrctro-Optical, Environmental and Mechanical
logo
Purdy Electronics Corpo...
FE0501W PURDY-FE0501W Datasheet
396Kb / 4P
Liquid Crystal Displays
logo
List of Unclassifed Man...
FE0502 ETC1-FE0502 Datasheet
524Kb / 13P
Elrctro-Optical, Environmental and Mechanical
logo
Purdy Electronics Corpo...
FE0502 PURDY-FE0502 Datasheet
52Kb / 1P
LCD Panel Displays
logo
FutureWafer Tech Co.,Lt...
FE0502A FUTUREWAFER-FE0502A Datasheet
926Kb / 5P
Bi-directional, Extra Low Capacitance ESD Protection
More results

Similar Description - FE05CAD

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-4V0UA-HF COMCHIP-CPDT-4V0UA-HF Datasheet
140Kb / 3P
Dual ESD Protection Diode
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
Dual Channel ESD Protection Device
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
Dual Line ESD Protection Diode Array
logo
Comchip Technology
CPDT-4V0UA-HF COMCHIP-CPDT-4V0UA-HF Datasheet
140Kb / 3P
Dual ESD Protection Diode
CPDT-4V0UA-HF COMCHIP-CPDT-4V0UA-HF_15 Datasheet
140Kb / 3P
Dual ESD Protection Diode
logo
Union Semiconductor, In...
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
Dual Line ESD Protection Diode Array
UM1002 UNIONSEMI-UM1002_16 Datasheet
237Kb / 6P
Dual Channel ESD Protection Device
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
Dual Line ESD Protection Diode Array
logo
Diodes Incorporated
D3V3M2B3SO DIODES-D3V3M2B3SO Datasheet
381Kb / 5P
2 CHANNEL ESD PROTECTION DIODE
November 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com