Electronic Components Datasheet Search
  English  ▼

X  

DDR2 Datasheet(PDF) 1 Page - A-Data Technology

Part # DDR2
Description  High speed up to 800MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

DDR2 Datasheet(HTML) 1 Page - A-Data Technology

  DDR2 Datasheet HTML 1Page - A-Data Technology DDR2 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Great value DDR2 for desktops and notebooks: U-DIMM/SO-DIMM
ADATA 800MHz/667MHz DDR2 memory is available in U-DIMM and SO-DIMM form factors, accommodating
desktops and notebooks. Modules deliver double data rate SDRAM bolstered by FBGA (Fine-pitch Ball Grid Array)
packaging on a 240-pin/204-pin (U-DIMM/SO-DIMM) glass-epoxy printed circuit board. Running at 1.8V and 800MHz,
transmission bandwidth reaches 6,400MB/s in the PC2-6400 specification. With 667MHz clocks, transmission
bandwidth goes up to 5,300MB/s in the PC2-5300 specification.
Features
U-DIMM
SO-DIMM
 High speed up to 800MHz
 Transfer bandwidths up to 6.4GB/s
 6-layer PCB provides improved signal transfer
and system stability


Similar Part No. - DDR2

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
DDR2-DDR-DRAM512-3LX ADL-DDR2-DDR-DRAM512-3LX Datasheet
278Kb / 3P
PC/104-Plus
DDR2-DRAM1024 ADL-DDR2-DRAM1024 Datasheet
559Kb / 2P
Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
DDR2-DRAM1024 ADL-DDR2-DRAM1024 Datasheet
160Kb / 2P
Power Management
DDR2-DRAM1024 ADL-DDR2-DRAM1024 Datasheet
609Kb / 4P
Traffic technology
DDR2-DRAM1024 ADL-DDR2-DRAM1024 Datasheet
557Kb / 2P
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
More results

Similar Description - DDR2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2402 MAXIM-MAX2402 Datasheet
65Kb / 6P
800MHz to 1000MHz Transmitter
19-0392; Rev 1; 5/96
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
High speed clock action up to 5MHz(Max)
logo
A-Data Technology
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
High speed up to 1600MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
High speed up to 2133MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
High speed up to 2400MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
High speed up to 2400MHz
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com