Electronic Components Datasheet Search
  English  ▼

X  

DDR2 Datasheet(PDF) 2 Page - A-Data Technology

Part # DDR2
Description  High speed up to 800MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

DDR2 Datasheet(HTML) 2 Page - A-Data Technology

  DDR2 Datasheet HTML 1Page - A-Data Technology DDR2 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Type
DDR2 800 U-DIMM
DDR2 667 U-DIMM
DDR2 667 SO-DIMM
DDR2 800 SO-DIMM
Form factor
Standard
Standard
Standard
Standard
Suitable for
Desktop
Desktop
Notebook
Notebook
Interface
240-pin
240-pin
200-pin
200-pin
Capacity
1GB/2GB
1GB/2GB
1GB/2GB
1GB/2GB
Rank
Single / Dual
Single / Dual
Single / Dual
Single / Dual
Speed
800MHz
667MHz
800MHz
667MHz
VDD voltage
1.8V
CAS latency
CL5
Refresh
Auto-refresh / self-refresh
Operating
temperature
0°C-85°C
RoHS
Yes
Standard
JEDEC
Warranty
Limited lifetime warranty
Ordering Information
Product
Capacity
Rank
Voltage
Data rate
Speed
CL
Part number
DDR2 800
U-DIMM
1GB
Single
1.8V
800MT/s
PC2-6400
CL = 5
AD2U800B1G5
2GB
Dual
1.8V
800MT/s
PC2-6400
CL = 5
AD2U800B2G5
DDR2 667
U-DIMM
1GB
Single
1.8V
667MT/s
PC2-5300
CL = 5
AD2U667B1G5
2GB
Dual
1.8V
667MT/s
PC2-5300
CL = 5
AD2U667B2G5
DDR2 800
SO-DIMM
1GB
Single
1.8V
800MT/s
PC2-6400
CL = 5
AD2S800B1G5
2GB
Dual
1.8V
800MT/s
PC2-6400
CL = 5
AD2S800B2G5
DDR2 667
SO-DIMM
1GB
Single
1.8V
667MT/s
PC2-5300
CL = 5
AD2S667B1G5
2GB
Dual
1.8V
667MT/s
PC2-5300
CL = 5
AD2S667B2G5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com