Electronic Components Datasheet Search
  English  ▼

X  

STGP12NB60K Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP12NB60K
Description  N-CHANNEL 18A - 600V TO-220 SHORT CIRCUIT PROOF PowerMESH™ IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP12NB60K Datasheet(HTML) 1 Page - STMicroelectronics

  STGP12NB60K Datasheet HTML 1Page - STMicroelectronics STGP12NB60K Datasheet HTML 2Page - STMicroelectronics STGP12NB60K Datasheet HTML 3Page - STMicroelectronics STGP12NB60K Datasheet HTML 4Page - STMicroelectronics STGP12NB60K Datasheet HTML 5Page - STMicroelectronics STGP12NB60K Datasheet HTML 6Page - STMicroelectronics STGP12NB60K Datasheet HTML 7Page - STMicroelectronics STGP12NB60K Datasheet HTML 8Page - STMicroelectronics STGP12NB60K Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
December 2003
STGP12NB60K
N-CHANNEL 18A - 600V TO-220
SHORT CIRCUIT PROOF PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE
s
LOW ON-LOSSES
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
VERY HIGH FREQUENCY OPERATION
s
TYPICAL SHORT CIRCUIT WITHSTAND TIME 10
MICROS
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has de-
signed an advanced family of IGBTs, the Power-
MESH™ IGBTs, with outstanding performances. The
suffix “K” identifies a family optimized for high frequen-
cy applications (up to 50kHz) and short circuit proof in
order to achieve very high switching performances (re-
duced tfall) mantaining a low voltage drop.
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS
s
UPS
ORDERING INFORMATION
TYPE
VCES
VCE(sat)
(Max) @25°C
IC(#)
@100°C
STGP12NB60K
600 V
< 2.8 V18 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGP12NB60K
GP12NB60K
TO-220
TUBE
TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGP12NB60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP12NB60KD STMICROELECTRONICS-STGP12NB60KD Datasheet
531Kb / 11P
N-CHANNEL 18A - 600V TO-220/D2PAK SHORT CIRCUIT PROOF PowerMESH IGBT
Dec-2003
More results

Similar Description - STGP12NB60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20NB60K STMICROELECTRONICS-STGW20NB60K Datasheet
279Kb / 8P
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH™ IGBT
May-2003
STGW20NB60KD STMICROELECTRONICS-STGW20NB60KD Datasheet
289Kb / 11P
N-CHANNEL 20A - 600V - TO-247 SHORT CIRCUIT PROOF PowerMESH IGBT
05-Apr-2005
STGP12NB60KD STMICROELECTRONICS-STGP12NB60KD Datasheet
531Kb / 11P
N-CHANNEL 18A - 600V TO-220/D2PAK SHORT CIRCUIT PROOF PowerMESH IGBT
Dec-2003
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
22-Jul-2005
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
01-Mar-2006
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
Mar-2004
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
02-Oct-2007
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com