Electronic Components Datasheet Search
  English  ▼

X  

STGP12NB60K Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP12NB60K
Description  N-CHANNEL 18A - 600V TO-220 SHORT CIRCUIT PROOF PowerMESH™ IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP12NB60K Datasheet(HTML) 3 Page - STMicroelectronics

  STGP12NB60K Datasheet HTML 1Page - STMicroelectronics STGP12NB60K Datasheet HTML 2Page - STMicroelectronics STGP12NB60K Datasheet HTML 3Page - STMicroelectronics STGP12NB60K Datasheet HTML 4Page - STMicroelectronics STGP12NB60K Datasheet HTML 5Page - STMicroelectronics STGP12NB60K Datasheet HTML 6Page - STMicroelectronics STGP12NB60K Datasheet HTML 7Page - STMicroelectronics STGP12NB60K Datasheet HTML 8Page - STMicroelectronics STGP12NB60K Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STGP12NB60K
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by max. junction temperature.
(**)Losses include Also the Tail (Jedec Standardization)
(#) Calculated according to the iterative formula:
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VCC = 480 V, IC =12A
RG =10Ω ,VGE =15 V
25
ns
tr
Rise Time
14.5
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC= 480 V, IC = 12ARG=10Ω
VGE = 15 V,Tj = 125°C
590
A/µs
180
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vcc = 480 V, IC =12A,
RGE =10 Ω ,VGE =15 V
130
ns
tr(Voff)
Off Voltage Rise Time
25
ns
td(off)
Delay Time
96
ns
tf
Fall Time
100
ns
Eoff(**)
Turn-off Switching Loss
258
µJ
Ets
Total Switching Loss
410
µJ
tc
Cross-over Time
Vcc = 480 V, IC =12A,
RGE =10 Ω ,VGE =15 V
Tj = 125 °C
310
ns
tr(Voff)
Off Voltage Rise Time
80
ns
td(off)
Delay Time
150
ns
tf
Fall Time
220
ns
Eoff(**)
Turn-off Switching Loss
650
µJ
Ets
Total Switching Loss
830
µJ
I
C TC
()
T
JMAX
T
C
–
R
THJ
C
–
V
CESAT MAX
() TC IC
,
()
×
--------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com