Electronic Components Datasheet Search
  English  ▼

X  

IXDN55N120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDN55N120
Description  High Voltage IGBT with optional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN55N120 Datasheet(HTML) 3 Page - IXYS Corporation

  IXDN55N120 Datasheet HTML 1Page - IXYS Corporation IXDN55N120 Datasheet HTML 2Page - IXYS Corporation IXDN55N120 Datasheet HTML 3Page - IXYS Corporation IXDN55N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
IXDN 55N120
IXDN 55N120 D1
0
200
400
600
800
1000
0
40
80
120
0
100
200
300
0
1234
0
30
60
90
120
150
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
0
50
100
150
200
250
0
5
10
15
20
0.00.5
1.01.5
2.02.5
3.03.5
0
20
40
60
80
100
120
13V
11V
T
J = 25°C
V
GE=17V
T
J = 125°C
V
CE = 600V
I
C
= 50A
15V
56789
10
11
0
20
40
60
80
100
120
13V
11V
V
GE=17V
15V
V
CE = 20V
T
J = 25°C
9V
9V
V
CE
V
A
I
C
V
CE
A
I
C
V
V
V
V
GE
V
F
A
I
C
A
I
F
nC
Q
G
-di/dt
V
V
GE
A
I
RM
t
rr
ns
A/
ms
IXDN55N120
T
J = 125°C
V
R = 600V
I
F = 50A
T
J = 25°C
T
J = 125°C
I
RM
t
rr
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of
free wheeling diode
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of
free wheeling diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com