Electronic Components Datasheet Search
  English  ▼

X  

IXDN55N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDN55N120
Description  High Voltage IGBT with optional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN55N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXDN55N120 Datasheet HTML 1Page - IXYS Corporation IXDN55N120 Datasheet HTML 2Page - IXYS Corporation IXDN55N120 Datasheet HTML 3Page - IXYS Corporation IXDN55N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
1 - 4
Symbol
Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
1200
V
V
CGR
T
J = 25°C to 150°C; RGE = 20 k
W
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
100
A
I
C90
T
C = 90°C
62
A
I
CM
T
C = 90°C, tp = 1 ms
124
A
RBSOA
V
GE = ±15 V, TJ = 125°C, RG = 22
W
I
CM = 100
A
Clamped inductive load, L = 30 µH
V
CEK < VCES
t
SC
V
GE = ±15 V, VCE = VCES, TJ = 125°C
10
µs
(SCSOA)
R
G = 22
W, non repetitive
P
C
T
C = 25°C
IGBT
450
W
Diode
220
W
V
ISOL
50/60 Hz; I
ISOL
£ 1 mA
2500
V~
T
J
-40 ... +150
°C
T
stg
-40 ... +150
°C
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque (M4)
1.5/13 Nm/lb.in.
Weight
30
g
V
CES
= 1200 V
I
C25
= 100 A
V
CE(sat) typ = 2.3 V
Features
q
NPT IGBT technology
q
low saturation voltage
q
low switching losses
q
square RBSOA, no latch up
q
high short circuit capability
q
positive temperature coefficient for
easy paralleling
q
MOS input, voltage controlled
q
optional ultra fast diode
q
International standard package
miniBLOC
Advantages
q
Space savings
q
Easy to mount with 2 screws
q
High power density
Typical Applications
q
AC motor speed control
q
DC servo and robot drives
q
DC choppers
q
Uninteruptible power supplies (UPS)
q
Switch-mode and resonant-mode
power supplies
High Voltage IGBT
with optional Diode
Short Circuit SOA Capability
Square RBSOA
IXDN 55N120
IXDN 55N120 D1
Symbol
Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
(BR)CES
V
GE = 0 V
1200
V
V
GE(th)
I
C = 2 mA, VCE = VGE
4.5
6.5
V
I
CES
V
CE = VCES
T
J = 25°C
3.8 mA
T
J = 125°C
6
mA
I
GES
V
CE = 0 V, VGE = ± 20 V
± 500
nA
V
CE(sat)
I
C = 55 A, VGE = 15 V
2.3
2.8
V
IXDN 55N120
IXDN 55N120 D1
G
C
E
G
C
E
E = Emitter x,
C = Collector
G = Gate,
E = Emitter x
x Either Emitter terminal can be used as
Main or Kelvin Emitter
miniBLOC, SOT-227 B
E153432
G
E
E
C


Similar Part No. - IXDN55N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN55N120D1 IXYS-IXDN55N120D1 Datasheet
83Kb / 4P
High Voltage IGBT with optional Diode
logo
Inchange Semiconductor ...
IXDN55N120D1 ISC-IXDN55N120D1 Datasheet
807Kb / 3P
IGBT
More results

Similar Description - IXDN55N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDH20N120 IXYS-IXDH20N120 Datasheet
74Kb / 4P
High Voltage IGBT with optional Diode
IXDP35N60B IXYS-IXDP35N60B Datasheet
101Kb / 4P
IGBT with optional Diode
IXDR30N120 IXYS-IXDR30N120 Datasheet
69Kb / 4P
High Voltage IGBT with optional Diode ISOPLUSTM package
IXDH30N120 IXYS-IXDH30N120 Datasheet
94Kb / 4P
High Voltage IGBT with optional Diode
IXDP20N60B IXYS-IXDP20N60B Datasheet
77Kb / 4P
High Voltage IGBT with optional Diode
IXDH30N120 IXYS-IXDH30N120 Datasheet
89Kb / 4P
High Voltage IGBT with optional Diode
IXDN55N120D1 IXYS-IXDN55N120D1 Datasheet
83Kb / 4P
High Voltage IGBT with optional Diode
IXDR35N60BD1 IXYS-IXDR35N60BD1 Datasheet
122Kb / 4P
IGBT with optional Diode
IXGR32N170AH1 IXYS-IXGR32N170AH1 Datasheet
528Kb / 2P
High Voltage IGBT with Diode
89358 IXYS-89358 Datasheet
525Kb / 2P
High Voltage IGBT with Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com